Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8308VMADDA Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8308VMADDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308VMADDA Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8308VMADDA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
© Freescale Semiconductor, Inc., 2010. All rights reserved.
Freescale Semiconductor
This document provides an overview of the MPC8308
features and its hardware specifications, including a block
diagram showing the major functional components. The
MPC8308 is a cost-effective, low-power, highly integrated
host processor. The MPC8308 extends the PowerQUICC
family, adding higher CPU performance, additional
functionality, and faster interfaces while addressing the
requirements related to time-to-market, price, power
consumption, and package size.
NOTE
The information provided in this document is
preliminary and is based on estimates only and refers to
the pre-silicon phase, with no device characterization
done. Freescale reserves the right to change the
contents of this document as appropriate.
1Overview
Figure 1 shows the major functional units within the
MPC8308. The e300 core in the MPC8308, with its 16
Kbytes of instruction and 16 Kbytes of data cache,
implements the Power Architecture user instruction set
architecture and provides hardware and software debugging
Document Number: MPC8308EC
Rev. 1, 07/2010
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . 2
3. Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 6
4. Clock Input Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
5. RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . . 8
6. DDR2 SDRAM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
7. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
8. Ethernet: Three-Speed Ethernet, MII Management . 15
9. USB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
10. High-Speed Serial Interfaces (HSSI) . . . . . . . . . . . . 24
11. PCI Express . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
12. Enhanced Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . 43
13. Enhanced Secure Digital Host Controller (eSDHC) . 47
14. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
15. I
2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
16. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
17. GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
18. IPIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
19. SPI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
20. Package and Pin Listings . . . . . . . . . . . . . . . . . . . . . 62
21. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
22. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
23. System Design Information . . . . . . . . . . . . . . . . . . . 81
24. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . 85
25. Document Revision History . . . . . . . . . . . . . . . . . . . 86
MPC8308 PowerQUICC II Pro
Processor Hardware Specification


Similar Part No. - MPC8308VMADDA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8308VMADDA FREESCALE-MPC8308VMADDA Datasheet
672Kb / 88P
MPC8308 PowerQUICC II Pro Processor Hardware Specification
More results

Similar Description - MPC8308VMADDA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8313EEC FREESCALE-MPC8313EEC Datasheet
1Mb / 100P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E Datasheet
1Mb / 124P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 114P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8308-RDB FREESCALE-MPC8308-RDB Datasheet
349Kb / 2P
MPC8308 PowerQUICC II Pro processor up
MPC8308 FREESCALE-MPC8308_10 Datasheet
672Kb / 88P
MPC8308 PowerQUICC II Pro Processor Hardware Specification
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8308 FREESCALE-MPC8308 Datasheet
1Mb / 90P
MPC8308 PowerQUICC II Pro Processor Hardware Specification
MPC8314EEC FREESCALE-MPC8314EEC Datasheet
651Kb / 101P
PowerQUICC II Pro Processor Hardware Specifications
logo
NXP Semiconductors
MPC8308EC NXP-MPC8308EC Datasheet
999Kb / 95P
MPC8308 PowerQUICC II Pro Processor Hardware Specification
Rev. 4, 12/2014
MPC8315EEC NXP-MPC8315EEC Datasheet
1Mb / 106P
PowerQUICC II Pro Processor Hardware Specifications
Rev. 2, 11/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com