Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5GN-R1BT Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E5GN-R1BT
Description  Basic-type Digital Temperature Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5GN-R1BT Datasheet(HTML) 1 Page - Omron Electronics LLC

  E5GN-R1BT Datasheet HTML 1Page - Omron Electronics LLC E5GN-R1BT Datasheet HTML 2Page - Omron Electronics LLC E5GN-R1BT Datasheet HTML 3Page - Omron Electronics LLC E5GN-R1BT Datasheet HTML 4Page - Omron Electronics LLC E5GN-R1BT Datasheet HTML 5Page - Omron Electronics LLC E5GN-R1BT Datasheet HTML 6Page - Omron Electronics LLC E5GN-R1BT Datasheet HTML 7Page - Omron Electronics LLC E5GN-R1BT Datasheet HTML 8Page - Omron Electronics LLC E5GN-R1BT Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CSM_E5GN_DS_E_5_1
1
Basic-type Digital Temperature Controller
E5GN (48 x 24 mm)
New 48 x 24-mm Basic Temperature
Controller with Enhanced Functions and
Performance. Improved Indication
Accuracy and Preventive Maintenance
Function.
• Indication Accuracy
Thermocouple input: ±0.3% of PV (previous models: ±0.5%)
Pt input: ±0.2% of PV (previous models: ±0.5%)
Analog input: ±0.2% FS (previous models: ±0.5%)
• Models are available with screw terminal blocks or screwless
clamp terminal blocks.
• A PV/SV-status display function can be set to automatically
alternate between displaying the status of the Temperature
Controller (auto/manual, RUN/STOP, and alarms) and the PV or SV.
• Preventive maintenance for relays in the Temperature Controller
using a Control Output ON/OFF Counter.
• Switch the PV display between three colors.
• Compatible with Support Software (CX-Thermo version 4.2 or higher).
• Eleven-segment displays.
• Models are available with one or two alarm outputs.
Main I/O Functions
E5GN
Models with Screw Terminal
Blocks
48
× 24 mm
E5GN--
@-C
Models with Screwless Clamp
Terminal Blocks
48
× 24 mm
Refer to Safety Precautions for E5
@N/E5@N-H.
Refer to Operation for E5
@N/E5@N-H for operating
procedures.
Event Inputs
• None
• Two
Sensor Inputs
• Universal thermocouple/Pt inputs
(Models with temperature inputs)
• Analog current/voltage inputs
(Models with analog inputs)
Indication Accuracy
• Thermocouple input:
±0.3% of PV
• Pt input:
±0.2% of PV
• Analog input:
±0.2% FS
Sampling Period
• 250 ms
Control Output 1
• Relay output
• Voltage output (for driving SSR)
• Current output
Auxiliary Outputs
• None
• One
• Two
Dual Display: PV and SV
4-digit Display
E5GN
• Auto/manual switching
• Temperature Controller status display
• Simple program function
• Control output ON/OFF count alarm
• PV change rate alarm
• Models also available with RS-232C
communications
• Models also available with RS-485
communications
This datasheet is provided as a guideline for selecting products. Be sure to refer to the following user manuals for application precautions
and other information required for operation before attempting to use the product.
E5CN/E5AN/E5EN/E5GN Digital Temperature Controllers User's Manual Basic Type (Cat. No. H156)
E5CN/E5AN/E5EN/E5GN Digital Temperature Controllers Communications Manual Basic Type (Cat. No. H158)


Similar Part No. - E5GN-R1BT

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5GN-R1PAC/DC24 OMRON-E5GN-R1PAC/DC24 Datasheet
104Kb / 6P
Digital Temperature Controllers
E5GN-R1PAC100-240 OMRON-E5GN-R1PAC100-240 Datasheet
104Kb / 6P
Digital Temperature Controllers
E5GN-R1TCAC/DC24 OMRON-E5GN-R1TCAC/DC24 Datasheet
104Kb / 6P
Digital Temperature Controllers
E5GN-R1TCAC100-240 OMRON-E5GN-R1TCAC100-240 Datasheet
104Kb / 6P
Digital Temperature Controllers
More results

Similar Description - E5GN-R1BT

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5AN OMRON-E5AN Datasheet
1Mb / 15P
Basic-type Digital Temperature Controller
E5AN-H OMRON-E5AN-H Datasheet
1Mb / 16P
Advanced Digital Temperature Controller
E5CN-U OMRON-E5CN-U Datasheet
1Mb / 15P
Basic-type Digital Temperature Controller
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
Advanced Digital Temperature Controller
logo
Fuji Electric
EDS11-81 FUJI-EDS11-81 Datasheet
286Kb / 5P
DIGITAL SETTING TEMPERATURE CONTROLLER DIGIZET MINI(DUAL Output Type)
EDS11-90B FUJI-EDS11-90B Datasheet
277Kb / 4P
DIGITAL TEMPERATURE CONTROLLER
logo
Omron Electronics LLC
E5XC OMRON-E5XC Datasheet
12Mb / 112P
Digital Temperature Controller
logo
SELEC Controls Pvt. Ltd
PID528 SELEC-PID528 Datasheet
728Kb / 2P
Basic PID Temperature Controller
TC518 SELEC-TC518 Datasheet
707Kb / 2P
Basic PID Temperature Controller
logo
Omron Electronics LLC
E5CC-800 OMRON-E5CC-800 Datasheet
8Mb / 36P
Digital Temperature Controller (Simple Type)
04/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com