Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5GN-R1BT Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # E5GN-R1BT
Description  Basic-type Digital Temperature Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5GN-R1BT Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button E5GN-R1BT Datasheet HTML 9Page - Omron Electronics LLC E5GN-R1BT Datasheet HTML 10Page - Omron Electronics LLC E5GN-R1BT Datasheet HTML 11Page - Omron Electronics LLC E5GN-R1BT Datasheet HTML 12Page - Omron Electronics LLC E5GN-R1BT Datasheet HTML 13Page - Omron Electronics LLC E5GN-R1BT Datasheet HTML 14Page - Omron Electronics LLC E5GN-R1BT Datasheet HTML 15Page - Omron Electronics LLC E5GN-R1BT Datasheet HTML 16Page - Omron Electronics LLC E5GN-R1BT Datasheet HTML 17Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
E5GN
15
Nomenclature
Dimensions
(Unit: mm)
Accessories (Order Separately)
USB-Serial Conversion Cable
Operation indicators
Level Key
Temperature unit
No.1 display
No. 2 display
Up Key
Mode Key
Down Key
Operation indicators
E5GN
The front panel is the same for the E5GN.
99
22
22
44.8
48
35
2
35
24
Waterproof Packing (Provided)
Flush Mounting Adapter (Provided)
22.2
+0.3
0
45
+0.6
0
40 min.
(48
× number of units − 2.5)
+1.0
0
Group mounting does not allow waterproofing.
Panel Cutout
Mounted Separately
Group Mounted
22.2
+0.3
0
E5GN
Models with Screw
Terminal Blocks
• Recommended panel thickness is 1 to 5 mm.
• Group mounting is not possible in the vertical
direction. (Maintain the specified mounting space
between Controllers.)
• To mount the Controller so that it is waterproof, insert
the waterproof packing onto the Controller.
• When two or more Controllers are mounted, make
sure that the surrounding temperature does not
exceed the allowable operating temperature
specified in the specifications.
100
22
22
44.8
48
35
2
35
24
Waterproof Packing (Provided)
Flush Mounting Adapter (Provided)
22.2
+0.3
0
45
+0.6
0
40 min.
(48
× number of units − 2.5)
+1.0
0
Panel Cutout
Mounted Separately
Group Mounted
22.2
+0.3
0
Group mounting does not allow waterproofing.
E5GN-
@-C
Models with
Screwless Clamp
Terminal Blocks
• Recommended panel thickness is 1 to 5 mm.
• Group mounting is not possible in the vertical
direction. (Maintain the specified mounting space
between Controllers.)
• When two or more Controllers are mounted, make
sure that the surrounding temperature does not
exceed the allowable operating temperature
specified in the specifications.
(2,100)
250
1,765
USB connector (type A plug)
Serial connector
LED indicator (RD)
LED indicator (SD)
E58-CIFQ1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com