Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5GN-R101T-FLK Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E5GN-R101T-FLK
Description  Basic-type Digital Temperature Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5GN-R101T-FLK Datasheet(HTML) 2 Page - Omron Electronics LLC

  E5GN-R101T-FLK Datasheet HTML 1Page - Omron Electronics LLC E5GN-R101T-FLK Datasheet HTML 2Page - Omron Electronics LLC E5GN-R101T-FLK Datasheet HTML 3Page - Omron Electronics LLC E5GN-R101T-FLK Datasheet HTML 4Page - Omron Electronics LLC E5GN-R101T-FLK Datasheet HTML 5Page - Omron Electronics LLC E5GN-R101T-FLK Datasheet HTML 6Page - Omron Electronics LLC E5GN-R101T-FLK Datasheet HTML 7Page - Omron Electronics LLC E5GN-R101T-FLK Datasheet HTML 8Page - Omron Electronics LLC E5GN-R101T-FLK Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
E5GN
2
Lineup
Note: Models with one control output and one or two auxiliary outputs can be used for heating/cooling control.
Model Number Structure
Model Number Legend
Controllers
1. Control Output 1
R: Relay output
Q: Voltage output (for driving SSR)
C: Linear current output
2. Auxiliary Outputs
Blank: None
1: One output
2: Two outputs
3. Option
Blank: None
01: RS-232C communications
03: RS-485 communications
B: Two event inputs
H: Heater burnout/Heater short/Heater overcurrent detection
(CT1)
4. Input Type
T: Universal thermocouple/platinum resistance thermometer input
L: Analog current/voltage input
5. Power Supply Voltage
Blank: 100 to 240 VAC
D: 24 VAC/VDC
6. Terminal Type
Blank: Models with screw terminal block
C: Models with screwless clamp terminal block
7. Case Color
Blank: Black
8. Communications Protocol
Blank: None
FLK: CompoWay/F communications
Note: Models cannot be made for all combinations of options that are possible in the model number legend. Confirm model availability in Ordering
Information before ordering.
* Auxiliary outputs are relay outputs that can be used to output alarms or processing results.
Screwless clamp
terminal block
Screw terminal block
E5GN
Basic Type
Analog input
Temperature input
1 control output
1 control output
0, 1, or 2 auxiliary
outputs
0, 1, or 2 auxiliary
outputs
Analog input
Temperature input
1 control output
1 control output
0, 1, or 2 auxiliary
outputs
0, 1, or 2 auxiliary
outputs
1 2
E5GN-
@@@@@-@-@-@
3 4 5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com