Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5GN-R101T-FLK Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E5GN-R101T-FLK
Description  Basic-type Digital Temperature Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5GN-R101T-FLK Datasheet(HTML) 3 Page - Omron Electronics LLC

  E5GN-R101T-FLK Datasheet HTML 1Page - Omron Electronics LLC E5GN-R101T-FLK Datasheet HTML 2Page - Omron Electronics LLC E5GN-R101T-FLK Datasheet HTML 3Page - Omron Electronics LLC E5GN-R101T-FLK Datasheet HTML 4Page - Omron Electronics LLC E5GN-R101T-FLK Datasheet HTML 5Page - Omron Electronics LLC E5GN-R101T-FLK Datasheet HTML 6Page - Omron Electronics LLC E5GN-R101T-FLK Datasheet HTML 7Page - Omron Electronics LLC E5GN-R101T-FLK Datasheet HTML 8Page - Omron Electronics LLC E5GN-R101T-FLK Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
E5GN
3
Ordering Information
Controllers with Screw Terminal Blocks
Models with Temperature Inputs
Models with One Control Output and a 100 to 240-VAC Power Supply
*1. If heating/cooling control mode is used, an auxiliary output is used as a control output for the cooling side. The number of auxiliary outputs that
can be used will decrease by one. Also, the signal for the control output for the cooling side will be a relay output.
*2. A current control output can be used as the transfer output. In that case, an auxiliary output is used as the control output. (This is not possible
for models without an auxiliary output.) The control output will be a relay output. The number of auxiliary outputs that can be used will decrease
by one.
Case color
Control
output
Control
mode
*1
No. of
auxiliary
outputs
Detection of
heater
burnout,
SSR failure,
and heater
overcurrent
No. of event
inputs
Transfer
output
*2
Communi-
cations
Previous model
New model
Thermocou-
ple input
Resistance
thermome-
ter input
Black
Relay output
Standard
---
---
---
---
---
E5GN-RTC
E5GN-RP
E5GN-RT
Standard or
heating/
cooling
1
E5GN-R1TC
E5GN-R1P
E5GN-R1T
2
---
---
E5GN-R1BT
---
RS-232C
---
---
E5GN-
R101T-FLK
RS-485
E5GN
-R03TC-FLK
E5GN
-R03P-FLK
E5GN-
R103T-FLK
2
---
---
---
E5GN-R2T
Detection for
single-phase
heaters
---
---
E5GN-R2HT
---
2
---
---
E5GN-R2BT
---
RS-485
---
---
E5GN-
R203T-FLK
Voltage
output (for
driving SSR)
Standard
---
---
---
---
---
E5GN-QTC
E5GN-QP
E5GN-QT
Standard or
heating/
cooling
1
E5GN-Q1TC E5GN-Q1P
E5GN-Q1T
2
---
---
E5GN-Q1BT
---
RS-232C
---
---
E5GN-
Q101T-FLK
RS-485
E5GN
-Q03TC-FLK
E5GN
-Q03P-FLK
E5GN-
Q103T-FLK
2
---
---
---
E5GN-Q2T
Detection for
single-phase
heaters
---
---
E5GN-Q2HT
---
2
---
---
E5GN-Q2BT
---
RS-485
---
---
E5GN-
Q203T-FLK
Current
output
Standard or
heating/
cooling
1
---
---
Transfer
output using
control
output
---
---
---
E5GN-C1T
2
---
---
E5GN-C1BT
---
RS-232C
---
---
E5GN-
C101T-FLK
RS-485
---
---
E5GN-
C103T-FLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com