Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2IO4C Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2IO4C
Description  Mounting Boards for Input/Output Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2IO4C Datasheet(HTML) 2 Page - Tyco Electronics

  2IO4C Datasheet HTML 1Page - Tyco Electronics 2IO4C Datasheet HTML 2Page - Tyco Electronics 2IO4C Datasheet HTML 3Page - Tyco Electronics 2IO4C Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1115
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03 (PDF Rev. 8-04)
2IO8 Outline Dimensions
-
0
1
2
3
4
567
BARRIER STRIP
2 TERMINAL
LOGIC SUPPLY INPUT
BARRIER STRIP
16 TERMINAL
FUSE
5 AMP
3.50
(88.90)
3.00
(76.20)
0.25
(6.35)
PULL-UP
RESISTOR
3.3k
Ω
7.5
(190.5)
8.00
(203.2)
PIN
49/25
1.40
(35.56)
0.39
(7.62)
0.40
(10.16)
0.45
(11.43)
2.60
(66.04)
KEY SLOT
LED STATUS
INDICATOR
2.20 MAX TO TOP
(55.8) OF MODULES
0.75
(19.05)
RIVETED STANDOFF
THRU HOLE
4 PLACES
.150 DIA.
(3.81)
1 2
3 4
5 6
7 8
9 10
11 12
13 14
15 16
-
49
47
45
43
41
39
37
35
33
25
1
25
23
21
19
17
15
13
11
9
1
FIELD INPUT/OUTPUT
BARRIER STRIP
EDGE
CONN.
BOT.
ALL
EVEN
PINS
LOGIC GND.
TOP
+LOGIC
50
PIN
CONN.
26
PIN
CONN.
OR
LED
PULL-UP
RESISTOR
3.3k
Ω
TYPICAL
FUSE
5 AMP
TYP.
USER INSTALLABLE
JUMPER 2 (PLCS)
1
2
3
4
5
2IO8 Schematic
Designed to operate with neg. true logic (active low) systems & one logic voltage.
2IO16 Outline Dimensions
PULL-UP
RESISTOR
3.3k
Ω
-
0
12
3
45
6
78
9
10
11
12
13
14
15
BARRIER STRIP
2 TERMINAL
LOGIC SUPPLY INPUT
BARRIER STRIP
16 TERMINAL
2 PLACES
EDGE CARD IS ARRANGED TO
ACCOMMODATE 50 CONTACT 0.1" (3mm)
CENTER CARD EDGE CONNECTOR
LED STATUS
INDICATOR
14.05
(356.87)
0.25
(6.35)
1.40
(35.56)
1.60
(40.64)
0.25
(6.35)
FUSE
5 AMP
2.20 MAX. TO TOP
(55.8) OF MODULES
0.75
(19.05)
150 DIA.
(3.81)
6.25
(158.75)
RIVETED STANDOFF
THRU HOLE
4 PLACES
NYLON STANDOFF
7.30
(185.42)
0.45
(11.43)
1
11
13
KEY SLOT
3.50
(88.90)
0.40
(10.16)
2.60
(66.04)
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
2
1
3
1
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
-
+
BARRIER STRIPS
FIELD INPUT/OUTPUT
LED
USER INSTALLABLE
JUMPER (2 PLACES)
+ LOGIC
LOGIC ALL
GND. EVEN
PINS
EDGE
CONN.
BOT.
TOP
PULL-UP
RESISTOR
3.3k
Ω
TYPICAL
FUSE
5 AMP
TYP.
1
2
3
4
5
2IO16 Schematic
Designed to operate with neg. true logic (active low) systems & one logic voltage.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com