Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2IO4C Datasheet(PDF) 3 Page - Tyco Electronics

Part # 2IO4C
Description  Mounting Boards for Input/Output Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2IO4C Datasheet(HTML) 3 Page - Tyco Electronics

  2IO4C Datasheet HTML 1Page - Tyco Electronics 2IO4C Datasheet HTML 2Page - Tyco Electronics 2IO4C Datasheet HTML 3Page - Tyco Electronics 2IO4C Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1116
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
P&B
Catalog 1308242
Issued 3-03 (PDF Rev. 8-04)
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
2IO16A Schematic
Designed to operate with neg. true logic (active low) systems & one logic voltage.
2IO16A, 2IO16B & 2IO16C Outline Dimensions
1 2
3 4
5 6
7 8
9 10
11 12
13 14
15 16
17 18
19 20
21 22
23 24
25 26
27 28
29 30
31 32
+ - 1 2
3 4
5 6
7 8
9 10
11 12
13 14
15 16
17 18
19 20
21 22
23 24
25 26
27 28
29 30
31 32
FIELD INPUT/OUTPUT
FUSE
5 AMP
TYP.
LED
BARRIER STRIP
PULL-UP
RESISTOR
3.3k
Ω
TYPICAL
1
2
3
4
5
LOGIC INPUT/OUTPUT
+ LOGIC
LOGIC GND.
BARRIER STRIP
+ - 1 2
3 4
5 6
7 8
9 10
11 12
13 14
15 16
17 18
19 20
21 22
23 24
25 26
2728
29 30
31 32
LED
BARRIER STRIP
PULL-UP
RESISTOR
3.3k
Ω
TYPICAL
3
4
5
FIELD INPUT/OUTPUT SIDE IS IDENTICAL TO 21016A
LOGIC INPUT/OUTPUT
+ LOGIC
LOGIC GND.
2IO16B Schematic
Designed to operate with either neg. or pos. true logic (active low or high) systems & different logic voltages.
(Note above applies to output modules only. Input modules must be use in negative logic systems only.)
PULL-UP
RESISTOR
3.3k
Ω
-
+
56 7 8 9
14 15 16
18 19
23 24
27 28
30
32
BARRIER STRIP
2 TERMINAL LOGIC SUPPLY INPUT
BARRIER STRIP
16 TERMINAL
4 PLACES
14.05
(356.87)
0.25
(6.35)
1.40
(35.56)
0.25
(6.35)
FUSE
5 AMP
2.20 MAX. TO TOP
(55.8) OF MODULES
0.75
(19.05)
150 DIA.
(3.81)
6.25
(158.75)
RIVETED STANDOFF
THRU HOLE
4 PLACES
NYLON STANDOFF
7.30
(185.42)
3.50
(88.90)
31
29
26
25
22
21
20
17
13
12
11
10
4
3
2
1
1.60
(40.64)
LED STATUS
INDICATOR
SIGNAL
POWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com