Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2IO8 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2IO8
Description  Mounting Boards for Input/Output Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2IO8 Datasheet(HTML) 1 Page - Tyco Electronics

  2IO8 Datasheet HTML 1Page - Tyco Electronics 2IO8 Datasheet HTML 2Page - Tyco Electronics 2IO8 Datasheet HTML 3Page - Tyco Electronics 2IO8 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1114
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
P&B
Catalog 1308242
Issued 3-03 (PDF Rev. 8-04)
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
2IO series
Mounting Boards for
Input/Output Modules
• LED status indicators, plug-in fuses & pull-up resistors
• Card edge logic connections (2IO8, 2IO16 & 2IO24)
• Screw terminal logic connections (2IO4A, 2IO4B, 2IO4C, 2IO16A,
2IO16B & 2IO16C)
• Screw terminals for field wiring
• UL recognized/CSA certified for 125V max. with 5A fuses;
250V max. with #22 solid copper jumper wire instead of fuses
File E61482
File LR15734-93
Ordering Information – Boldface items listed below are more likely to be maintained in stock by authorized distributors.
Part Number
2IO4A
2IO4B
2IO4C
2IO8
2IO16
2IO16A
2IO16B
2IO16C
2IO24
Number of I/O Channels
4448
16
16
16
16
24
Number of Module Positions
4448
16
16
16
16
24
Field Terminals: Screw Terminals
XXXX
X
XXX
X
Logic Terminals: Screw Terminals
X
X
X
X
X
X
Logic Terminals: 26-pin card edge connector
X
Logic Terminals: 50-pin card edge connector
X
X
X
Designed for neg. true logic; one logic voltage
X
X
X
X
X
Designed for neg. or pos. true logic; mult. logic voltages
X
X
Designed for neg. true logic; mult. logic voltages
X
X
2IO4C Schematic
Designed to operate with neg. true logic (active low) systems & different logic voltages.
POWER BARRIER BLOCK
9 TERMINAL 2 PLACES
FUSE
5 AMP
PULL-UP
RESISTOR
3.3k
Ω
SIGNAL
BARRIER
BLOCK
4.50
(114.3)
4.00
(101.6)
0.25
(6.35)
3.00
(76.20)
3.50
(88.90)
LED STATUS
INDICATOR
2.20 MAX. TO TOP
(55.8) OF MODULES
.150 DIA.
(3.81)
RIVETED STANDOFF
THRU HOLE
4 PLACES
1
2 3 45 6 7 89
0.75
(19.05)
LOGIC INPUT/OUTPUT
BARRIER
STRIP
PULL-UP
RESISTOR
3.3k
Ω
TYPICAL
LED
12
3
45
67
8
9
3
4
5
+ LOGIC
FIELD INPUT/OUTPUT SIDE IS IDENTICAL TO 2104A
FIELD INPUT/OUTPUT SIDE IS IDENTICAL TO 2104A
LOGIC INPUT/OUTPUT
BARRIER
STRIP
PULL-UP
RESISTOR
3.3k
Ω
TYPICAL
LED
12
3
45
67
89
3
4
5
LOGIC
GND.
2IO4A, 2IO4B & 2IO4C Outline Dimensions
Suggested Mating Connectors and Fuses
26-pin card edge connector
3M 3462-0001*
50-pin card edge connector
3M 3415-0001*
5 amp fuse
Littelfuse 251-005*
1 amp fuse**
Littelfuse 251-001*
* Or equivalent. Customer assumes ultimate responsibility for applicability.
** Used on 2IO24 only.
Designed to operate with either neg. or pos. true logic (active low or high) systems & different
logic voltages. (output modules only - input modules must be used in negative logic systems
only.)
2IO4B Schematic
FIELD INPUT/OUTPUT
BARRIER
STRIP
FUSE
5 AMP
TYP.
BARRIER
STRIP
LOGIC GND.
LOGIC INPUT/OUTPUT
PULL-UP
RESISTOR
3.3k
Ω
TYPICAL
LED
1
23
4
5
6
7
9
8
12
3
45
6
7
9
8
1
2
3
4
5
SPARE
+ LOGIC
Designed to operate with neg. true logic (active low) systems & one logic voltage.
2IO4A Schematic
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of the
agencies/laboratories and review them to ensure the product meets the requirements
for a given application.


Similar Part No. - 2IO8

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2IO TEC-2IO Datasheet
344Kb / 4P
Mounting Boards for Input/Output Modules
logo
Tyco Electronics
2IOM MACOM-2IOM Datasheet
258Kb / 5P
Space Saving Mounting Boards for Slim Line Input/Output Modules
logo
TE Connectivity Ltd
2IOM TEC-2IOM Datasheet
258Kb / 5P
Space Saving Mounting Boards for Slim Line Input/Output Modules
More results

Similar Description - 2IO8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393028-4 MACOM-2-1393028-4 Datasheet
77Kb / 4P
Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
Input/Output Modules
2-1393028-8 MACOM-2-1393028-8 Datasheet
77Kb / 4P
Input/Output Modules
logo
List of Unclassifed Man...
MS-8H ETC2-MS-8H Datasheet
379Kb / 4P
MS Series Input/Output Module Mounting Boards
logo
Tyco Electronics
2IOM MACOM-2IOM Datasheet
258Kb / 5P
Space Saving Mounting Boards for Slim Line Input/Output Modules
logo
Crydom Inc.,
MS-8H CRYDOM-MS-8H Datasheet
379Kb / 4P
MS SERIES Input/output module mounting boards
MS-16H CRYDOM-MS-16H Datasheet
379Kb / 4P
MS SERIES Input/output module mounting boards
MS-24H CRYDOM-MS-24H Datasheet
379Kb / 4P
MS SERIES Input/output module mounting boards
logo
TE Connectivity Ltd
2IO TEC-2IO Datasheet
344Kb / 4P
Mounting Boards for Input/Output Modules
2IOM TEC-2IOM Datasheet
258Kb / 5P
Space Saving Mounting Boards for Slim Line Input/Output Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com