Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2IO8 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 2IO8
Description  Mounting Boards for Input/Output Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2IO8 Datasheet(HTML) 4 Page - Tyco Electronics

  2IO8 Datasheet HTML 1Page - Tyco Electronics 2IO8 Datasheet HTML 2Page - Tyco Electronics 2IO8 Datasheet HTML 3Page - Tyco Electronics 2IO8 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1117
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03 (PDF Rev. 8-04)
2IO16C Schematic
Designed to operate with neg. true logic (active low) systems & different logic voltages.
+ - 1 2
3 4
5 6
7 8
9 10
11 12
13 14
15 16
17 18
19 20
21 22
23 24
25 26
27 28
29 30
31 32
LED
BARRIER STRIP
LOGIC INPUT/OUTPUT
PULL-UP
RESISTOR
3.3k
Ω
TYPICAL
+ LOGIC
LOGIC GND.
3
4
5
FIELD INPUT/OUTPUT SIDE IS IDENTICAL TO 21016A
2IO24 Schematic
Designed to operate with neg. true logic (active low) systems & one logic voltage.
2IO24 Outline Dimensions
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
0
18.75
(476.25)
16.50
(419.10)
11.00
(279.40)
5.50
(139.70)
1.13
(28.58)
4.50
(114.30)
4.00
(101.60)
0.25
(6.35)
8.06
(204.72)
0.40
(10.16)
KEY SLOT
2.60
(66.04)
1.00
(25.4)
2 PLACES
BARRIER STRIP
16 TERMINAL
3 PLACES
FUSE
5 AMP
BARRIER STRIP
2 TERMINAL
LOGIC SUPPLY INPUT
FUSE
1 MAP
CUSTOMER
OPTION
PULL-UP
RESISTOR 3.3k
Ω
Notes
EDGE CARD IS ARRANGED TO
ACCOMMODATE 50 CONTACT,
0.1" (3mm) CENTER, CARD EDGE
CONNECTOR
+ LOGIC AVAILABLE AT
PIN 49 BY RELOCATING FUSE
LED STATUS
INDICATOR
RIVETED STANDOFF
THRU HOLE
8 PLACES
2.20 MAX. TO TOP
(55.8) OF MODULES
0.75
(19.05)
150 DIA.
(3.81)
1
2
1
2
- +
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
-
+
LED STATUS
INDICATOR
PULL-UP
RESISTOR
3.3k
Ω
TYPICAL
USER INSTALLABLE
JUMPER OR FUSE
+ LOGIC
LOGIC ALL
GND. EVEN
PINS
EDGE
CONN.
BOT.
FUSE
1 AMP
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
2
1
3
BARRIER STRIPS
FIELD INPUT/OUTPUT
FUSE
5 AMP
TYP.
TOP
1
2
3
4
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com