Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2191DM8G-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2191DM8G-13
Description  1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2191DM8G-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2191DM8G-13 Datasheet HTML 1Page - Diodes Incorporated AP2191DM8G-13 Datasheet HTML 2Page - Diodes Incorporated AP2191DM8G-13 Datasheet HTML 3Page - Diodes Incorporated AP2191DM8G-13 Datasheet HTML 4Page - Diodes Incorporated AP2191DM8G-13 Datasheet HTML 5Page - Diodes Incorporated AP2191DM8G-13 Datasheet HTML 6Page - Diodes Incorporated AP2191DM8G-13 Datasheet HTML 7Page - Diodes Incorporated AP2191DM8G-13 Datasheet HTML 8Page - Diodes Incorporated AP2191DM8G-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AP2181D/AP2191D
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH WITH OUTPUT DISCHARGE
AP2181D/2191D
Document number: DS32251 Rev. 1 - 2
1 of 18
www.diodes.com
June 2010
© Diodes Incorporated
Description
The AP2181D and AP2191D are integrated high-side power
switches optimized for Universal Serial Bus (USB) and other
hot-swap applications. The family of devices complies with
USB 2.0 and available with both polarities of Enable input.
They offer current and thermal limiting and short circuit
protection as well as controlled rise time and under-voltage
lockout functionality. A 7ms deglitch capability on the open-
drain Flag output prevents false over-current reporting and
does not require any external components.
All devices are available in SO-8, MSOP-8, MSOP-8-EP,
SOT25, and DFN2018-6 packages.
Features
•
Single USB port power switches with output discharge
•
Over-current and thermal protection
•
2.1A accurate current limiting
•
Fast transient response
•
Reverse Current Blocking
•
90m
Ω on-resistance
•
Input voltage range: 2.7V – 5.5V
•
0.6ms typical rise time
•
Very low shutdown current: 1uA (max)
•
Fault report (FLG) with blanking time (7ms typ)
•
ESD protection: 4KV HBM, 300V MM
•
Active high (AP2191D) or active low (AP2181D) enable
•
Ambient temperature range -40ºC to 85°C
•
SO-8, MSOP-8, MSOP-8-EP (Exposed Pad), SOT25, and
DFN2018-6: Available in “Green” Molding Compound (No
Br, Sb)
•
Lead Free Finish / RoHS Compliant (Note 1)
•
UL Recognized, File Number E322375 (pending)
•
IEC60950-1 CB Scheme Certified
Applications
•
Consumer electronics – LCD TV & Monitor, Game
Machines
•
Communications – Set-Top-Box, GPS, Smartphone
•
Computing – Laptop, Desktop, Servers, Printers, Docking
Station, HUB
Pin Assignments
SO-8
( Top View )
1
2
3
4
8
7
6
5
NC
OUT
FLG
OUT
GND
EN
IN
IN
MSOP-8 / MSOP-8-EP
Note: latter with exposed pad (dotted line)
1
2
3
4
8
7
6
5
NC
OUT
FLG
OUT
GND
EN
IN
IN
( Top View )
EN
OUT
GND
IN
FLG
1
2
3
5
4
SOT25
( Top View )
FLG
EN
GND
OUT
OUT
IN
1
3
2
4
5
6
DFN2018-6
( Top View )
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - AP2191DM8G-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2191D DIODES-AP2191D Datasheet
408Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
DS32251 Rev. 2 - 2
More results

Similar Description - AP2191DM8G-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2141D DIODES-AP2141D Datasheet
565Kb / 18P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 1 - 2
AP2161D DIODES-AP2161D Datasheet
543Kb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32250 Rev. 1 - 2
AP2141D_1009 DIODES-AP2141D_1009 Datasheet
504Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 2 - 2
AP2145 DIODES-AP2145_10 Datasheet
405Kb / 13P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32031 Rev. 2 - 2
AP2182A DIODES-AP2182A Datasheet
772Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32193 Rev. 2 - 2
logo
Monolithic Power System...
MP62170-1 MPS-MP62170-1 Datasheet
382Kb / 12P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch with Output Discharge
logo
Diodes Incorporated
AP2171DM8G-13 DIODES-AP2171DM8G-13 Datasheet
602Kb / 19P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
Rev erse
AP2191SG-13 DIODES-AP2191SG-13 Datasheet
438Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2181MPG-13 DIODES-AP2181MPG-13 Datasheet
438Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2181A DIODES-AP2181A Datasheet
884Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com