Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7365 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP7365
Description  600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7365 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP7365 Datasheet HTML 12Page - Diodes Incorporated AP7365 Datasheet HTML 13Page - Diodes Incorporated AP7365 Datasheet HTML 14Page - Diodes Incorporated AP7365 Datasheet HTML 15Page - Diodes Incorporated AP7365 Datasheet HTML 16Page - Diodes Incorporated AP7365 Datasheet HTML 17Page - Diodes Incorporated AP7365 Datasheet HTML 18Page - Diodes Incorporated AP7365 Datasheet HTML 19Page - Diodes Incorporated AP7365 Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
AP7365
600mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7365
Document number: DS32260 Rev. 1 - 2
16 of 21
www.diodes.com
July 2010
© Diodes Incorporated
Marking Information (Continued)
(3) SOT89-3L and SOT89R-3L
1
3
2
X X
Y W
XX : Identification code
( Top View )
X
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
X : Internal code
A~Z : Green
a~z : 27~52 week;
z represents 52 and 53 week
Device
Package
Identification Code
AP7365-08
SOT89-3L
VB
AP7365-10
SOT89-3L
VC
AP7365-12
SOT89-3L
VD
AP7365-15
SOT89-3L
VE
AP7365-18
SOT89-3L
VF
AP7365-20
SOT89-3L
VG
AP7365-25
SOT89-3L
VH
AP7365-28
SOT89-3L
VJ
AP7365-30
SOT89-3L
VK
AP7365-33
SOT89-3L
VM
AP7365-39
SOT89-3L
VN
AP7365-08
SOT89R-3L
TB
AP7365-10
SOT89R-3L
TC
AP7365-12
SOT89R-3L
TD
AP7365-15
SOT89R-3L
TE
AP7365-18
SOT89R-3L
TF
AP7365-20
SOT89R-3L
TG
AP7365-25
SOT89R-3L
TH
AP7365-28
SOT89R-3L
TJ
AP7365-30
SOT89R-3L
TK
AP7365-33
SOT89R-3L
TM
AP7365-39
SOT89R-3L
TN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com