Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7365 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7365
Description  600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7365 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7365 Datasheet HTML 1Page - Diodes Incorporated AP7365 Datasheet HTML 2Page - Diodes Incorporated AP7365 Datasheet HTML 3Page - Diodes Incorporated AP7365 Datasheet HTML 4Page - Diodes Incorporated AP7365 Datasheet HTML 5Page - Diodes Incorporated AP7365 Datasheet HTML 6Page - Diodes Incorporated AP7365 Datasheet HTML 7Page - Diodes Incorporated AP7365 Datasheet HTML 8Page - Diodes Incorporated AP7365 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
AP7365
600mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7365
Document number: DS32260 Rev. 1 - 2
3 of 21
www.diodes.com
July 2010
© Diodes Incorporated
Functional Block Diagram
IN
EN
GND
OUT
Gate
Driver
0.8V
Current Limit
and Thermal
Shutdown
Fixed Version
R
R
IN
EN
GND
ADJ
OUT
Gate
Driver
0.8V
Current Limit
and Thermal
Shutdown
Adjustable Version
Absolute Maximum Ratings
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body Model ESD Protection
2000
V
ESD MM
Machine Model ESD Protection
200
V
VIN
Input Voltage
6.5
V
OUT, EN Voltage
VIN + 0.3
V
Continuous Load Current per Channel
Internal Limited
TST
Storage Temperature Range
-65 to 150
°C
TJ
Maximum Junction Temperature
150
°C
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input voltage
2
6
V
IOUT
Output Current (Note 2)
0
600
mA
TA
Operating Ambient Temperature
-40
85
°C
Notes:
2 The device maintains a stable, regulated output voltage without a load current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com