Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB30 Datasheet(PDF) 4 Page - Texas Instruments

Part # TS3USB30
Description  HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB30 Datasheet(HTML) 4 Page - Texas Instruments

  TS3USB30_09 Datasheet HTML 1Page - Texas Instruments TS3USB30_09 Datasheet HTML 2Page - Texas Instruments TS3USB30_09 Datasheet HTML 3Page - Texas Instruments TS3USB30_09 Datasheet HTML 4Page - Texas Instruments TS3USB30_09 Datasheet HTML 5Page - Texas Instruments TS3USB30_09 Datasheet HTML 6Page - Texas Instruments TS3USB30_09 Datasheet HTML 7Page - Texas Instruments TS3USB30_09 Datasheet HTML 8Page - Texas Instruments TS3USB30_09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
RECOMMENDED OPERATING CONDITIONS
(1)
ELECTRICAL CHARACTERISTICS
(1)
DYNAMIC ELECTRICAL CHARACTERISTICS
TS3USB30
SCDS237D – AUGUST 2007 – REVISED MAY 2008......................................................................................................................................................... www.ti.com
MIN
MAX
UNIT
VCC
Supply voltage
3
4.3
V
VCC = 3 V to 3.6 V
1.3
VIH
High-level control input voltage
V
VCC = 4.3 V
1.7
VCC = 3 V to 3.6 V
0.5
VIL
Low-level control input voltage
V
VCC = 4.3 V
0.7
VI/O
Data input/output voltage
0
VCC
V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VIK
VCC = 3 V,
II = –18 mA
–1.2
V
IIN
Control inputs
VCC = 4.3 V, 0 V,
VIN = 0 to 4.3 V
±1
µA
VCC = 4.3 V,
VO = 0 to 3.6 V,
IOZ
(3)
±2
µA
VI = 0,
Switch OFF
VCC = 0 V,
VO = 0 to 4.3 V,
IOFF
D+ and D–
±2
µA
VI = 0,
VIN = VCC or GND
ICC
VCC = 4.3 V,
II/O = 0,
Switch ON or OFF
1
µA
ΔICC
(4)
Control inputs
VCC = 4.3 V,
VIN = 2.6 V
10
µA
Cin
Control inputs
VCC = 0 V,
VIN = VCC or GND
1
pF
Cio(OFF)
VCC = 3.3 V,
VI/O = 3.3 V or 0,
Switch OFF
2
pF
Cio(ON)
VCC = 3.3 V,
VI/O = 3.3 V or 0,
Switch ON
7
pF
ron
(5)
VCC = 3 V,
VI = 0.4,
IO = –8 mA
6
10
Ω
Δron
VCC = 3 V,
VI = 0.4,
IO = –8 mA
0.35
Ω
ron(flat)
VCC = 3 V,
VI = 0 V or 1 V,
IO = –8 mA
2
Ω
(1)
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
(2)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
(5)
Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two (A or B) terminals.
over operating range, TA = –40°C to 85°C, VCC = 3.3 V ± 10%, GND = 0 V
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
XTALK
Crosstalk
RL = 50 Ω, f = 240 MHz, See Figure 10
–56
dB
OISO
OFF isolation
RL = 50 Ω, f = 240 MHz, See Figure 9
–39
dB
BW
Bandwidth (–3 dB)
RL = 50 Ω, CL = 5 pF, See Figure 11
955
MHz
(1)
For Max or Min conditions, use the appropriate value specified under Electrical Characteristics for the applicable device type.
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TS3USB30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com