Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB30 Datasheet(PDF) 10 Page - Texas Instruments

Part # TS3USB30
Description  HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB30 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS3USB30_09 Datasheet HTML 6Page - Texas Instruments TS3USB30_09 Datasheet HTML 7Page - Texas Instruments TS3USB30_09 Datasheet HTML 8Page - Texas Instruments TS3USB30_09 Datasheet HTML 9Page - Texas Instruments TS3USB30_09 Datasheet HTML 10Page - Texas Instruments TS3USB30_09 Datasheet HTML 11Page - Texas Instruments TS3USB30_09 Datasheet HTML 12Page - Texas Instruments TS3USB30_09 Datasheet HTML 13Page - Texas Instruments TS3USB30_09 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PARAMETER MEASUREMENT INFORMATION
CL
(B)
RL
VIN
VCC
GND
1Dor2D VOUT1
1Dor2D
D
VCC
VIN
50 Ω
RL
CL
5pF
tON
TEST
VCC
50 Ω
5pF
tOFF
50%
tON
tOFF
50%
90%
90%
Logic
Input
(VSEL or VOE)
1.8 V
Switch
Output
(VOUT1 or VOUT2)
0
CL(B)
RL
VOH
VOL
OE
VOUT2
VOE(A)
VSEL(A)
S
1D
2D
D
VOUT1
VIN
Channel OFF: 1D to D
Network Analyzer Setup
Source Power = 0 dBm
(632-mV P-P at 50-W load)
DC Bias = 350 mV
50 W
VCC
GND
50 W
50 W
Network Analyzer
Source
Signal
VSEL
+
VSEL = VCC
S
TS3USB30
SCDS237D – AUGUST 2007 – REVISED MAY 2008......................................................................................................................................................... www.ti.com
A.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr < 5 ns,
tf < 5 ns.
B.
CL includes probe and jig capacitance.
Figure 8. Turn-On (tON) and Turn-Off Time (tOFF)
Figure 9. OFF Isolation (OISO)
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TS3USB30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com