Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6005DG Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMS6005DG
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6005DG Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMS6005DG Datasheet HTML 1Page - Diodes Incorporated ZXMS6005DG Datasheet HTML 2Page - Diodes Incorporated ZXMS6005DG Datasheet HTML 3Page - Diodes Incorporated ZXMS6005DG Datasheet HTML 4Page - Diodes Incorporated ZXMS6005DG Datasheet HTML 5Page - Diodes Incorporated ZXMS6005DG Datasheet HTML 6Page - Diodes Incorporated ZXMS6005DG Datasheet HTML 7Page - Diodes Incorporated ZXMS6005DG Datasheet HTML 8Page - Diodes Incorporated ZXMS6005DG Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ZXMS6005DG
Document Number DS32247 Rev. 1 - 2
2 of 9
www.diodes.com
June 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FUNCTIONAL BLOCK DIAGRAM
APPLICATIONS AND INFORMATION
• Especially suited for loads with a high in-rush current such as lamps and motors.
• All types of resistive, inductive and capacitive loads in switching applications.
• μC compatible power switch for 12V DC applications.
• Automotive rated.
• Replaces electromechanical relays and discrete circuits.
• Linear Mode capability - the current-limiting protection circuitry is designed to de-activate
at low VDS to minimise on state power dissipation. The maximum DC operating current is
therefore determined by the thermal capability of the package/board combination, rather
than by the protection circuitry. This does not compromise the product’s ability to self-
protect at low VDS.
S
Over Voltage
Protection
Over current
protection
Logic
Human
body ESD
protection
D
IN
dV/dt
limitation
Over temperature
protection



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com