Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6005DG Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMS6005DG
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6005DG Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMS6005DG Datasheet HTML 1Page - Diodes Incorporated ZXMS6005DG Datasheet HTML 2Page - Diodes Incorporated ZXMS6005DG Datasheet HTML 3Page - Diodes Incorporated ZXMS6005DG Datasheet HTML 4Page - Diodes Incorporated ZXMS6005DG Datasheet HTML 5Page - Diodes Incorporated ZXMS6005DG Datasheet HTML 6Page - Diodes Incorporated ZXMS6005DG Datasheet HTML 7Page - Diodes Incorporated ZXMS6005DG Datasheet HTML 8Page - Diodes Incorporated ZXMS6005DG Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ZXMS6005DG
Document Number DS32247 Rev. 1 - 2
4 of 9
www.diodes.com
June 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
RECOMMENDED OPERATING CONDITIONS
The ZXMS6005DG is optimised for use with µC operating from 3.3V and 5V supplies.
Symbol
Description
Min
Max
Units
VIN
Input voltage range
0
5.5
V
TA
Ambient temperature range
-40
125
°C
VIH
High level input voltage for MOSFET to be on
3
5.5
V
VIL
Low level input voltage for MOSFET to be off
0
0.7
V
VP
Peripheral supply voltage (voltage to which load is referred)
0
24
V
CHARACTERISTICS
110
10m
100m
1
10
Limited by Over-Current Protection
Single Pulse
T
amb
=25°C
See Note (a)
Limited
by R
DS(on)
1ms
10ms
100ms
1s
DC
Safe Operating Area
V
DS
Drain-Source Voltage (V)
Limit of s/c protection
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
See Note (a)
Derating Curve
Temperature (°C)
See Note (b)
100µ
1m
10m 100m
1
10
100
1k
0
10
20
30
40
50
60
70
80
90
100
T
amb
=25°C
See Note (a)
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
100
Single Pulse
T
amb
=25°C
See Note (a)
Pulse Power Dissipation
Pulse Width (s)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com