Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMR-2002 Datasheet(PDF) 1 Page - Bud Industries, Inc.

Part # PMR-2002
Description  PANEL MOUNTING RAIL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUD [Bud Industries, Inc.]
Direct Link  http://www.budind.com
Logo BUD - Bud Industries, Inc.

PMR-2002 Datasheet(HTML) 1 Page - Bud Industries, Inc.

  PMR-2002 Datasheet HTML 1Page - Bud Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PMR-2002

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMR-24V150W1AT DELTA-PMR-24V150W1AT Datasheet
943Kb / 11P
PMR 150 W series / PMR-□V150W1AT
PMR-24V240W1AT DELTA-PMR-24V240W1AT Datasheet
1Mb / 11P
PMR 240 W series / PMR-□V240W1AT
More results

Similar Description - PMR-2002

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
PMR-8088 BUD-PMR-8088 Datasheet
31Kb / 1P
ADJUSTING PANEL MOUNTING RAIL
PMR-9483 BUD-PMR-9483 Datasheet
49Kb / 1P
PANEL MOUNTING RAIL (METRIC)
logo
Weidmuller
0299860000 WEIDMULLER-0299860000 Datasheet
113Kb / 1P
Mounting rail support
logo
List of Unclassifed Man...
BMXXBP0800 ETC-BMXXBP0800 Datasheet
72Kb / 1P
panel, plate or DIN rail mounting
BMXXBP1200 ETC-BMXXBP1200 Datasheet
67Kb / 1P
panel, plate or DIN rail mounting
logo
TE Connectivity Ltd
KUKUP TEC-KUKUP Datasheet
1Mb / 5P
Sockets available for panel, DIN rail or PCB mounting
logo
Pepperl+Fuchs Inc.
UPR-MR PF-UPR-MR Datasheet
259Kb / 1P
DIN mounting rail
2020-09-23
logo
Festo Corporation.
4135048 FESTO-4135048 Datasheet
82Kb / 1P
H-rail mounting
7/21/22
570043 FESTO-570043 Datasheet
76Kb / 1P
H-rail mounting
7/21/22
8095158 FESTO-8095158 Datasheet
63Kb / 1P
H-rail mounting
7/21/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com