Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10EF1F Datasheet(PDF) 1 Page - Tyco Electronics

Part # 10EF1F
Description  Compact RFI Filter with IEC Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

10EF1F Datasheet(HTML) 1 Page - Tyco Electronics

  10EF1F Datasheet HTML 1Page - Tyco Electronics 10EF1F Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Compact RFI Filter with IEC Connectors
This rugged international series of RFI filters incorporates
the special IEC power line connector. They are UL
recognized, CSA certified, and VDE approved.
Electrically the EF international series are general
purpose filters effectively providing RFI control of line-to-
ground noise. The design is compact and meets the
very low leakage current requirements of VDE portable
equipment as well as (120 Volt) UL544 non-patient
medical equipment. Models with F suffix have .250”
terminals on load side; EF4 and EF8 have wire leads.
Model 10EF1FC additionally incorporates a separate
ground-circuit inductor to isolate the equipment chassis
from power line ground at RF frequencies.
*15EF1F
UL, CSA 15 Amps/250 VAC
VDE
10 Amps/250 VAC
Specifications
Maximum leakage current,each line-to-ground
@ 120 VAC 60 Hz:
.21 mA
@ 250 VAC 50 Hz:
.36 mA
Hipot rating (one minute):
line-to-ground
2250 VDC
line-to-line
1450 VDC
Operating frequency:
50/60 Hz
Rated voltage (max.):
250 VAC
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
Rating
.15
.5
1
5
10
30
EF1F, EF2F
01A
22
35
40
46
50
49
03A
15
25
30
45
50
54
06A
9
20
25
41
45
50
10A
8
15
20
34
39
44
15A
–
6
12
20
25
25
EF4, EF8
01A
22
35
40
46
50
49
03A
15
25
30
45
50
54
06A
9
20
25
41
45
47
EF1FC
10A
8
15
20
34
39
44
Line Cord
Line Cord No. GA400:
71/2 foot, 3-conductor line cord to mate with EF series.
42
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
EF Series
EF Series
CORCOM Product Guide
Electrical Schematics
LINE
LOAD
Resistor location for reference only.
LINE
LOAD
EF & EF-F Models
EF1FC Model
EF1F/EF1FC
EF8
EF2F
EF4
UL Recognized
CSA Certified
VDE Approved*


Similar Part No. - 10EF1F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
10EF1F MACOM-10EF1F Datasheet
245Kb / 3P
EMI Power Inlet Filter
10EF1FC MACOM-10EF1FC Datasheet
245Kb / 3P
EMI Power Inlet Filter
More results

Similar Description - 10EF1F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EJT MACOM-EJT Datasheet
428Kb / 6P
Compact RFI Filter with IEC Connector for Higher Frequency Applications
1EAS1 MACOM-1EAS1 Datasheet
292Kb / 2P
Snap-In Compact RFI Filter IEC Connector Package
1EC1 MACOM-1EC1 Datasheet
469Kb / 2P
High Performance Compact RFI Power Line Filters with IEC Connectors
1ED1 MACOM-1ED1 Datasheet
481Kb / 2P
High Performance Compact RFI Power Line Filters with IEC Connectors
1EJH1 MACOM-1EJH1 Datasheet
153Kb / 4P
Enhanced Performance Compact Medical RFI Filter IEC Connector Package
3DAF1 MACOM-3DAF1 Datasheet
102Kb / 2P
Compact RFI Line Filter with DC Inlet Connector
1EEJ1 MACOM-1EEJ1 Datasheet
110Kb / 4P
Enhanced Performance (1-20 Amp) Compact RFI Filter IEC Connector Package
1EJS1 MACOM-1EJS1 Datasheet
114Kb / 2P
Enhanced Performance Snap-In Compact RFI Filter IEC Connector Package
1EJT1 MACOM-1EJT1_1 Datasheet
89Kb / 2P
Compact RFI Filter with IEC Connector for Higher Frequency Applications
3DAF1 MACOM-3DAF1_11 Datasheet
215Kb / 2P
Compact RFI Line Filter with DC Inlet Connection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com