Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10EF1F Datasheet(PDF) 2 Page - Tyco Electronics

Part # 10EF1F
Description  Compact RFI Filter with IEC Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

10EF1F Datasheet(HTML) 2 Page - Tyco Electronics

  10EF1F Datasheet HTML 1Page - Tyco Electronics 10EF1F Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Compact RFI Filter with IEC Connectors (Continued)
Case Styles
EF1F & EF1FC
EF2F
EF4
EF8
Case Dimensions
A
BC
D
E
F
± .015
Part No. (max)
(max)
(max)
(max)
(ref)
± .38
1EF1F,
2.20
1.19
0.81
1.575
1.98
—
3EF1F
55.9
30.2
20.6
40.01
50.3
1EF2F,
1.55
1.19
0.85
1.575
1.98
—
3EF2F
39.4
30.2
21.6
40.01
50.3
1EF4,
1.55
1.19
0.85
1.575
1.98
.295
3EF4
39.4
30.2
21.6
40.01
50.3
7.5
1EF8,
1.55
1.19
0.81
1.575
1.98
.295
3EF8
39.4
30.2
20.6
40.01
50.3
7.5
6EF1F
2.20
1.19
0.81
1.575
1.98
—
55.9
30.2
20.6
40.01
50.3
6EF2F
1.55
1.19
0.85
1.575
1.98
—
39.4
30.2
21.6
40.01
50.3
6EF4
1.55
1.19
0.85
1.575
1.98
.295
39.4
30.2
21.6
40.01
50.3
7.5
6EF8
1.55
1.19
0.81
1.575
1.98
.295
39.4
30.2
20.6
40.01
50.3
7.5
10EF1F
2.62
1.19
0.81
1.575
1.98
—
66.5
30.2
20.6
40.01
50.3
10EF1FC 2.62
1.19
0.81
1.575
1.98
—
66.5
30.2
20.6
40.01
50.3
15EF1F*
2.62
1.19
0.81
1.575
1.98
—
66.5
30.2
20.6
40.01
50.3
43
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
EF Series
CORCOM Product Guide
A
C
B
D
E
D
E
A
C
B
.65
16.5
Max.
Typical dimensions:
Terminals: .250 [6.35] (3)
Holes: .07 [1.8] Dia.(2)
Slot: .07 x .16 [1.8 x 4.1]
C
A
F
F
B
D
E
Blue
Green/Yellow
Brown
B
C
F
F
D E
A
Typical dimensions:
Wire leads 4.0 [101.6] Min. 18 AWG
Mounting Holes: .132 [3.35] Dia.(2)
Recommended Panel Cutouts
.140
3.56
.062
1.58
.820
20.8
R
Dia. (2)
1.200
30.48
1.575
40.01
.140
3.56
.234
5.94
.900
22.9
R
Dia. (2)
1.200
30.48
1.575
40.01
Note 1: EF1F, EF1FC and EF8 allow front or back mounting.
Note 2: EF2F and EF4 allow back mounting only.
Tolerance ±.005 [0.13]
Tolerance ±.005 [0.13]
Front Mount
Back Mount
Recommended Panel Cutouts
Part Numbers
1EF1F
06EF1F
1EF2F
06EF2F
1EF4
06EF4
1EF8
06EF8
3EF1F
10EF1F
3EF2F
10EF1FC
3EF4
15EF1F*
3EF8
Line Cord No.
GA400
Insulating Boot No.
FA601
*15EF1F
UL, CSA — 15 Amps/250 VAC
VDE
— 10 Amps/250 VAC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com