Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2250AL Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2250AL
Description  Infrared Remote Control Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2250AL Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2250AL Datasheet HTML 1Page - Princeton Technology Corp PT2250AL Datasheet HTML 2Page - Princeton Technology Corp PT2250AL Datasheet HTML 3Page - Princeton Technology Corp PT2250AL Datasheet HTML 4Page - Princeton Technology Corp PT2250AL Datasheet HTML 5Page - Princeton Technology Corp PT2250AL Datasheet HTML 6Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Infrared Remote Control Receiver
PT2249A / PT2250A Series
PT2249A/50A v 2.3
Page 3
Revised Dec. 1999
Application Circuit
PT2249A
CONTROL
SIGNAL
OUTPUT
CONTROL
SIGNAL
OUTPUT
Vcc
1000pF
RX
INPUT
39K
PT2250A
CONTROL SIGNAL OUTPUT
CONTROL SIGNAL OUTPUT
RX
INPUT
Vcc
1000pF
39K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com