Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2250AL Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT2250AL
Description  Infrared Remote Control Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2250AL Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT2250AL Datasheet HTML 1Page - Princeton Technology Corp PT2250AL Datasheet HTML 2Page - Princeton Technology Corp PT2250AL Datasheet HTML 3Page - Princeton Technology Corp PT2250AL Datasheet HTML 4Page - Princeton Technology Corp PT2250AL Datasheet HTML 5Page - Princeton Technology Corp PT2250AL Datasheet HTML 6Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Infrared Remote Control Receiver
PT2249A / PT2250A Series
PT2249A/50A v 2.3
Page 5
Revised Dec. 1999
C3 = 0. ) In this way, the PT2249A Series can match the C2, C3 Code Bits
of PT2248 and correctly decode the remote commands.
CODE
T3
T2
T1
K6
PT2248
C3=0
C2=1
C1=1
CODE3
CODE2 OSC
Vcc
PT2249A Series
C3=0
C2=1
Example 1
Circuit Diagram when Code Bit C2 = 1 and C3 = 0
2. Combination of PT2248/PT2250A Series Code Bits
a) PT2250A Series Code Bit C3 is internally pulled high and thereby set at
a default value of “1”. Thus, PT2248 Code Bit C3 must be set at “1”.
b) PT2250A Series Code Bits C2 and C3 may be programmed as follows:
1) “0”, “0” (This combination is not available with TC9150.)
2) “0”, “1”
3) “1”, “0”
4) “1”, “1”
c) To set Code Bit to “1” on PT2248, diodes must be connected to Code
Terminal from the T1 ~ T3 terminals.
d) To set Code Bit to “0” on PT2248, the terminals must be kept floating.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com