Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5A2053 Datasheet(PDF) 10 Page - Texas Instruments

Part # TS5A2053
Description  SINGLE-CHANNEL 10-R SPDT ANALOG SWITCH WITH ENABLE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A2053 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS5A2053_09 Datasheet HTML 6Page - Texas Instruments TS5A2053_09 Datasheet HTML 7Page - Texas Instruments TS5A2053_09 Datasheet HTML 8Page - Texas Instruments TS5A2053_09 Datasheet HTML 9Page - Texas Instruments TS5A2053_09 Datasheet HTML 10Page - Texas Instruments TS5A2053_09 Datasheet HTML 11Page - Texas Instruments TS5A2053_09 Datasheet HTML 12Page - Texas Instruments TS5A2053_09 Datasheet HTML 13Page - Texas Instruments TS5A2053_09 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
TS5A2053
SINGLECHANNEL 10 W SPDT ANALOG SWITCH
WITH ENABLE
SCDS183A – JANUARY 2005 – REVISED APRIL 2006
www.ti.com
10
Electrical Characteristics for 1.8-V Supply(1) (continued)
V+ = 1.65 V to 1.95 V, TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
Turn-on time
tON
VCOM = 1.3 V,
CL = 35 pF,
25
°C
1.8 V
10.2
11.8
14.5
ns
Turn-on time
tON
VCOM = 1.3 V,
RL = 300 Ω,
CL = 35 pF,
See Figure 17
Full
1.65 V to 1.95 V
8.4
15.5
ns
Turn-off time
tOFF
VCOM = 1.3 V,
CL = 35 pF,
25
°C
1.8 V
2.9
4.3
6.5
ns
Turn-off time
tOFF
VCOM = 1.3 V,
RL = 300 Ω,
CL = 35 pF,
See Figure 17
Full
1.65 V to 1.95 V
2.2
7
ns
Charge injection
QC
VGEN = 0,
RGEN = 0
CL = 0.1 nF,
See Figure 21
25
°C
1.8 V
0.5
pC
NO, NC
OFF capacitance
CNO(OFF),
CNC(OFF)
VNO or VNC = V+ or GND,
Switch OFF,
See Figure 16
25
°C
1.8 V
6.5
pF
COM
OFF capacitance
CCOM(OFF)
VCOM = V+ or GND,
Switch OFF,
See Figure 16
25
°C
1.8 V
10
pF
NO, NC
ON capacitance
CNO(ON),
CNC(ON)
VNO or VNC = V+ or GND,
Switch ON,
See Figure 16
25
°C
1.8 V
19
pF
COM
ON capacitance
CCOM(ON)
VCOM = V+ or GND,
Switch ON,
See Figure 16
25
°C
1.8 V
14
pF
Digital input
capacitance
CI
VI = V+ or GND,
See Figure 16
25
°C
1.8 V
3
pF
Bandwidth
BW
RL = 50 Ω,
Switch ON,
See Figure 18
25
°C
1.8 V
320
MHz
OFF isolation
OISO
RL = 50 Ω,
f = 10 MHz,
Switch OFF,
See Figure 19
25
°C
1.8 V
−64
dB
Crosstalk
XTALK
RL = 50 Ω,
f = 10 MHz,
Switch ON,
See Figure 20
25
°C
1.8 V
−68
dB
Total harmonic
distortion
THD
RL = 10 kΩ,
CL = 50 pF,
f = 20 Hz to 20 kHz,
See Figure 22
25
°C
1.8 V
2.6
%
Supply
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
25
°C
1.95 V
0.1
1
A
Positive supply
current
I+
VI = V+ or GND,
Switch ON or OFF
Full
1.95 V
5
µA
(1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com