Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5A2053 Datasheet(PDF) 13 Page - Texas Instruments

Part # TS5A2053
Description  SINGLE-CHANNEL 10-R SPDT ANALOG SWITCH WITH ENABLE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A2053 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TS5A2053_09 Datasheet HTML 9Page - Texas Instruments TS5A2053_09 Datasheet HTML 10Page - Texas Instruments TS5A2053_09 Datasheet HTML 11Page - Texas Instruments TS5A2053_09 Datasheet HTML 12Page - Texas Instruments TS5A2053_09 Datasheet HTML 13Page - Texas Instruments TS5A2053_09 Datasheet HTML 14Page - Texas Instruments TS5A2053_09 Datasheet HTML 15Page - Texas Instruments TS5A2053_09 Datasheet HTML 16Page - Texas Instruments TS5A2053_09 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TS5A2053
SINGLECHANNEL 10 W SPDT ANALOG SWITCH
WITH ENABLE
SCDS183A – JANUARY 2005 – REVISED APRIL 2006
www.ti.com
13
TYPICAL PERFORMANCE (continued)
Frequency (MHz)
Figure 10. OFF Isolation (V+ = 5 V)
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
1000
10
100
100K
1M
100M
10M
100M
Figure 11. Total Harmonic Distortion vs Frequency
Frequency (MHz)
3.3 V
5 V
0.05
0.04
0.03
0.02
0.01
0
0
1
2
3
4
5
6
7
Figure 12. Power-Supply Current vs Temperature
(V+ = 5 V)
−40
°C25°C85°C
TA (5C)
ICCL
ICCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com