Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6EMC3 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 6EMC3
Description  Compact and Cost Effective Dual Stage RFI Power Line Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6EMC3 Datasheet(HTML) 1 Page - Tyco Electronics

  6EMC3 Datasheet HTML 1Page - Tyco Electronics 6EMC3 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Compact and Cost Effective Dual Stage RFI Power Line Filters
The EMC series of RFI filters has been developed to
reduce conducted noise to acceptable limits for equipment
that must comply with the requirements of CISPR in Europe
and the FCC specifications in the USA.
The EMC series is the most compact dual stage filter
available from Tyco Electronics. This cost effective design
has a maximum current rating of 30 amps; higher than any
similar catalog product. The EMC series was designed to
address the need for more differential mode attenuation in
the lower frequency range while still maintaining high
common mode performance. This type of performance is
typically needed for motor drives and switch mode power
supplies with increased operating frequencies. The EMC
series is ideal for applications that require a high level of
performance in a compact, cost effective package.
Specifications
Maximum leakage current,each line-to-ground
3,6,10 Amp
15,20,30 Amp
@ 120 VAC 60 Hz:
.21 mA
.73 mA
@ 250 VAC 50 Hz:
.43 mA
1.52 mA
Hipot rating (one minute):
line-to-ground
2250 VDC
line-to-line
1450 VDC
Operating frequency:
50/60 Hz
Rated voltage (max.):
250 VAC
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
Rating
.05 .07 .11
.15
1
2
10
20
30
03A
6
6
3
16
65
66
62
60
59
06A
6
6
2
15
65
67
65
62
63
10A
5
2
13
24
72
72
56
50
48
15A
3
1
12
22
70
68
57
54
53
20A
2
2
11
21
58
57
63
55
52
30A
2
2
14
22
47
52
60
48
43
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating
.05 .07 .11
.15
1
2
10
20
30
03A
12
13
7
18
64
69
65
60
52
06A
12
12
8
27
61
61
59
56
54
10A
14
15
12
33
54
58
47
34
36
15A
16
16
13
34
61
52
36
36
23
20A
17
19
15
37
67
62
36
32
30
30A
17
18
14
40
62
53
30
28
26
54
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
EMC Series
EMC Series
CORCOM Product Guide
Electrical Schematic
LINE
LOAD
Resistor location for reference only.
UL Recognized
CSA Certified
VDE Approved
EMC6
EMC1


Similar Part No. - 6EMC3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6EMC3 MACOM-6EMC3 Datasheet
242Kb / 3P
Compact and Cost-effective Dual Stage RFI Power Line Filters
More results

Similar Description - 6EMC3

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9101 CALMIRCO-CM9101 Datasheet
501Kb / 12P
Compact Cost-effective Fast Charger
logo
Adam Technologies, Inc.
PLF3P4C ADAM-TECH-PLF3P4C Datasheet
163Kb / 1P
EMI/RFI POWER LINE FILTERS PCB & CHASSIS MOUNT FILTERS
PLF-6DZ2KR ADAM-TECH-PLF-6DZ2KR Datasheet
93Kb / 1P
EMI/RFI POWER LINE FILTERS
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
RFI Power Line Filters
logo
Tyco Electronics
1EC1 MACOM-1EC1 Datasheet
469Kb / 2P
High Performance Compact RFI Power Line Filters with IEC Connectors
1ED1 MACOM-1ED1 Datasheet
481Kb / 2P
High Performance Compact RFI Power Line Filters with IEC Connectors
3EMC1 MACOM-3EMC1_11 Datasheet
242Kb / 3P
Compact and Cost-effective Dual Stage RFI Power Line Filters
3EP1 MACOM-3EP1_11 Datasheet
214Kb / 3P
Dual Stage RFI Power Line Filters for Switching Mode Power Supplies
16AYA6A MACOM-16AYA6A_11 Datasheet
218Kb / 4P
3-phase WYE RFI Power Line Filters
logo
TE Connectivity Ltd
VP1 TEC-VP1 Datasheet
214Kb / 3P
Dual Stage RFI Power Line Filters for Switching Mode Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com