Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6EMC3 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 6EMC3
Description  Compact and Cost Effective Dual Stage RFI Power Line Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6EMC3 Datasheet(HTML) 2 Page - Tyco Electronics

  6EMC3 Datasheet HTML 1Page - Tyco Electronics 6EMC3 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Compact and Cost Effective Dual Stage RFI Power Line Filters (Continued)
Case Styles
Case Dimensions
AB
C
D
E
Part No.
(max)
(max)
(max)
(max)
(max)
3EMC1
3.35
1.81
1.16
2.375
2.78
85.1
46.0
29.5
60.3
70.6
6EMC1
3.85
2.07
1.16
2.938
3.35
97.8
52.6
29.5
74.6
85.1
3.85
2.07
1.53
2.938
3.35
10EMC1
97.8
52.6
38.91
74.6
85.1
15EMC1
4.97
2.25
1.78
4.063
4.46
20EMC1
126.2
57.2
45.2
103.2
113.3
3EMC3
2.07
1.81
1.16
2.375
2.78
52.6
46.0
29.5
60.3
70.6
6EMC3
2.56
2.07
1.16
2.938
3.35
65.0
52.6
29.5
74.6
85.1
10EMC3
2.56
2.07
1.53
2.938
3.35
65.0
52.6
38.9
74.6
85.1
15EMC3
3.69
2.25
1.78
4.063
4.47
93.7
57.2
45.2
103.2
113.5
10EMC6
3.94
2.07
1.53
2.938
3.35
99.9
52.6
38.9
74.6
85.1
15EMC6
5.09
2.25
1.78
4.063
4.47
20EMC6
129.3
57.2
45.2
103.2
113.5
30EMC6
6.05
3.12
2.18
3.50
3.96
153.7
79.2
55.4
88.9
100.6
55
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
EMC Series
CORCOM Product Guide
D
C
E
A
B
EMC1
D
A
E
B
C
EMC3
D
E
A
C
B
30EMC6
B
D
E
A
EMC6
Part Numbers
03EMC1
10EMC30
06EMC1
15EMC3
10EMC1
10EMC6
15EMC1
15EMC6
20EMC1
20EMC6
3EMC3
30EMC6
6EMC3
Typical dimensions:
Terminals: .250 [6.35]
Mounting Holes: .187±.008 [4.75±.20] Dia.(2)
Typical dimensions:
Terminals: 8-32 (5)
Mounting Holes: .187±.008 [4.75±.20] Dia.(2)
Typical dimensions:
Terminals: 10-32 (5)
Slots: .203 x .156 [5.16 x 3.96] Dia.(4)
Typical dimensions:
Wire leads: 4.0 [101.6] min.
3,6,10A:18 AWG / 15A: 16 AWG
Mounting Holes: .187±.008 [4.75±.20] Dia.(2)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com