Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16CP754C Datasheet(PDF) 16 Page - Texas Instruments

Part # TL16CP754C
Description  QUAD UARTS WITH 64-BYTE FIFO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16CP754C Datasheet(HTML) 16 Page - Texas Instruments

Back Button TL16CP754C Datasheet HTML 12Page - Texas Instruments TL16CP754C Datasheet HTML 13Page - Texas Instruments TL16CP754C Datasheet HTML 14Page - Texas Instruments TL16CP754C Datasheet HTML 15Page - Texas Instruments TL16CP754C Datasheet HTML 16Page - Texas Instruments TL16CP754C Datasheet HTML 17Page - Texas Instruments TL16CP754C Datasheet HTML 18Page - Texas Instruments TL16CP754C Datasheet HTML 19Page - Texas Instruments TL16CP754C Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Divisor = (XTAL crystal input frequency / prescaler) / (desired baud rate
16)
X
1 when CLKSEL = high during reset, or MCR[7] is set to 0 after reset
4 when CLKSEL = low during reset, or MCR[7] is set to 1 after reset
prescaler =
Prescaler Logic
(Divide By 1)
Prescaler Logic
(Divide By 4)
Internal
Oscillator
Logic
Bandrate
Generator
Logic
XTAL1
XTAL2
Internal
Bandrate Clock
For Transmitter
and Receiver
MCR[7] = 0
MCR[7] = 1
Input Clock
Reference
Clock
TL16CP754C, TL16CM754C, TL16C754C
SLLS644E – DECEMBER 2007 – REVISED MAY 2010
www.ti.com
Programmable Baud Rate Generator
The '754C UART contains a programmable baud generator that divides reference clock by a divisor in the range
between 1 and (216
−1). The output frequency of the baud rate generator is 16× the baud rate. An additional
divide-by-4 prescaler is also available and can be selected by the CLKSEL pin or MCR[7], as shown in the
following. The formula for the divisor is:
Where
Figure 9 shows the internal prescaler and baud rate generator circuitry.
Figure 9. Prescaler and Baud Rate Generator Block Diagram
DLL and DLH must be written to in order to program the baud rate. DLL and DLH are the least significant and
most significant byte of the baud rate divisor. If DLL and DLH are both zero, the UART is effectively disabled, as
no baud clock is generated. The programmable baud rate generator is provided to select both the transmit and
receive clock rates. Table 5 and Table 6 show the baud rate and divisor correlation for the crystal with frequency
1.8432 MHz and 3.072 MHz, respectively.
16
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): TL16CP754C TL16CM754C TL16C754C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com