Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16CP754C Datasheet(PDF) 19 Page - Texas Instruments

Part # TL16CP754C
Description  QUAD UARTS WITH 64-BYTE FIFO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16CP754C Datasheet(HTML) 19 Page - Texas Instruments

Back Button TL16CP754C Datasheet HTML 15Page - Texas Instruments TL16CP754C Datasheet HTML 16Page - Texas Instruments TL16CP754C Datasheet HTML 17Page - Texas Instruments TL16CP754C Datasheet HTML 18Page - Texas Instruments TL16CP754C Datasheet HTML 19Page - Texas Instruments TL16CP754C Datasheet HTML 20Page - Texas Instruments TL16CP754C Datasheet HTML 21Page - Texas Instruments TL16CP754C Datasheet HTML 22Page - Texas Instruments TL16CP754C Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
TL16CP754C, TL16CM754C, TL16C754C
www.ti.com
SLLS644E – DECEMBER 2007 – REVISED MAY 2010
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6
V
VI
Input voltage range
–0.5
VCC + 0.5
V
VO
Output voltage range
–0.5
VCC + 0.5
V
TL16C754C
0
70
TA
Operating free-air temperature range
°C
TL16C754CI
–40
85
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Table 7. TYPICAL PACKAGE THERMAL RESISTANCE
DATA
PACKAGE
64-pin TQFP PM
qJA = xx°C/W
qJC = xx°C/W
80-pin TQFP PN
qJA = xx°C/W
qJC = xx°C/W
Table 8. TYPICAL PACKAGE WEIGHT
PACKAGE
WEIGHT IN GRAMS
64-pin TQFP PM
0.25
80-pin TQFP PN
0.30
RECOMMENDED OPERATING CONDITIONS, VCC = 1.8 V ±10%
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
1.62
1.8
1.98
V
VI
Input voltage
0
VCC
V
VIH
High-level input voltage
1.4
1.98
V
VIL
Low-level input voltage
–0.3
0.4
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
All outputs
0.5
mA
IOL
Low-level output current
All outputs
1
mA
Oscillator/clock speed
16
MHz
RECOMMENDED OPERATING CONDITIONS, VCC = 2.5 V ±10%
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2.25
2.5
2.75
V
VI
Input voltage
0
VCC
V
VIH
High-level input voltage
1.8
2.75
V
VIL
Low-level input voltage
–0.3
0.6
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
All outputs
1
mA
IOL
Low-level output current
All outputs
2
mA
Oscillator/clock speed
24
MHz
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TL16CP754C TL16CM754C TL16C754C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com