Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7421 Datasheet(PDF) 13 Page - ON Semiconductor

Part # ADT7421
Description  Precision Temperature Sensor with Beta Compensation (for <45 nm Geometries)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7421 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button ADT7421 Datasheet HTML 9Page - ON Semiconductor ADT7421 Datasheet HTML 10Page - ON Semiconductor ADT7421 Datasheet HTML 11Page - ON Semiconductor ADT7421 Datasheet HTML 12Page - ON Semiconductor ADT7421 Datasheet HTML 13Page - ON Semiconductor ADT7421 Datasheet HTML 14Page - ON Semiconductor ADT7421 Datasheet HTML 15Page - ON Semiconductor ADT7421 Datasheet HTML 16Page - ON Semiconductor ADT7421 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADT7421
http://onsemi.com
13
When reading data from a register there are two
possibilities.
• If the address pointer register value of the ADT7421 is
unknown or not the desired value, it is first necessary to
set it to the correct value before data can be read from
the desired data register. This is done by writing to the
ADT7421 as before, but only the data byte containing
the register read address is sent, because data is not to
be written to the register (see Figure 11).
A read operation is then performed consisting of the
serial bus address, R/W bit set to 1, followed by the
data byte read from the data register (see Figure 12).
• If the address pointer register is known to be at the
desired address, data can be read from the
corresponding data register without first writing to the
address pointer register and the bus transaction shown
in Figure 11 can be omitted.
Notes
• It is possible to read a data byte from a data register
without first writing to the address pointer register.
However, if the address pointer register is already at the
correct value, it is not possible to write data to a register
without writing to the address pointer register because
the first data byte of a write is always written to the
address pointer register.
• Some of the registers have different addresses for read
and write operations. The write address of a register
must be written to the address pointer if data is to be
written to that register, but it may not be possible to
read data from that address. The read address of a
register must be written to the address pointer before
data can be read from that register.
ALERT Output
This is applicable when Pin 6 is configured as an ALERT
output. The ALERT output goes low whenever an
out−of−limit measurement is detected, or if the remote
temperature sensor is open circuit. It is an open−drain output
and requires a pullup resistor. Several ALERT outputs can
be wire−OR’ed together, so that the common line goes low
if one or more of the ALERT outputs goes low.
The ALERT output can be used as an interrupt signal to a
processor, or as an SMBALERT. Slave devices on the SMBus
cannot normally signal to the bus master that they want to
talk, but the SMBALERT function allows them to do so.
One or more ALERT outputs can be connected to a
common SMBALERT line that is connected to the master.
When the SMBALERT line is pulled low by one of the
devices, the following procedure occurs (see Figure 13):
Figure 13. Use of SMBALERT
ALERT RESPONSE
ADDRESS
MASTER SENDS
ARA AND READ
COMMAND
DEVICE SENDS
ITS ADDRESS
RD
START
ACK
DEVICE
ADDRESS
NO
ACK STOP
MASTER
RECEIVES
SMBALERT
1. SMBALERT is pulled low.
2. Master initiates a read operation and sends the
alert response address (ARA = 0001 100). This is
a general call address that must not be used as a
specific device address.
3. The device whose ALERT output is low responds
to the alert response address and the master reads
its device address. As the device address is seven
bits, an LSB of 1 is added. The address of the
device is now known and it can be interrogated in
the usual way.
4. If more than one device’s ALERT output is low,
the one with the lowest device address takes
priority, in accordance with normal SMBus
arbitration.
Once the ADT7421 has responded to the alert response
address, it resets its ALERT output, provided that the error
condition that caused the ALERT no longer exists. If the
SMBALERT line remains low, the master sends the ARA
again, and so on until all devices whose ALERT outputs
were low have responded.
Low Power Standby Mode
The ADT7421 can be put into low power standby mode
by setting Bit 6 of the configuration register. When Bit 6 is
low, the ADT7421 operates normally. When Bit 6 is high,
the ADC is inhibited, and any conversion in progress is
terminated without writing the result to the corresponding
value register. However, the SMBus is still enabled. Power
consumption in the standby mode is reduced to 10
mA.
When the device is in standby mode, it is possible to
initiate a one−shot conversion of both channels by writing to
the one−shot register (Address 0x0F), after which the device
returns to standby. It does not matter what is written to the
one−shot register, all data written to it is ignored. It is also
possible to write new values to the limit register while in
standby mode. If the values stored in the temperature value
registers are outside the new limits, an ALERT is generated,
even though the ADT7421 is still in standby.
Sensor Fault Detection
At its D+ input, the ADT7421 contains internal sensor
fault detection circuitry. This circuit can detect situations
where an external remote transistor is either not connected
or incorrectly connected to the ADT7421. A simple voltage
comparator trips if the voltage at D+ exceeds VDD − 1.0 V
(typical), signifying an open circuit between D+ and D−. The
output of this comparator is checked when a conversion is
initiated. Bit 2 of the status register (open flag) is set if a fault
is detected. If the ALERT pin is enabled, setting this flag
causes ALERT to assert low.
If the user does not wish to use an external sensor with the
ADT7421, tie the D+ and D− inputs together to prevent
continuous setting of the open flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com