Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7421 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ADT7421
Description  Precision Temperature Sensor with Beta Compensation (for <45 nm Geometries)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7421 Datasheet(HTML) 2 Page - ON Semiconductor

  ADT7421 Datasheet HTML 1Page - ON Semiconductor ADT7421 Datasheet HTML 2Page - ON Semiconductor ADT7421 Datasheet HTML 3Page - ON Semiconductor ADT7421 Datasheet HTML 4Page - ON Semiconductor ADT7421 Datasheet HTML 5Page - ON Semiconductor ADT7421 Datasheet HTML 6Page - ON Semiconductor ADT7421 Datasheet HTML 7Page - ON Semiconductor ADT7421 Datasheet HTML 8Page - ON Semiconductor ADT7421 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADT7421
http://onsemi.com
2
Another feature of the ADT7421 is Series Resistance
Cancellation, where up to 50
W (typical) of resistance in
series with the temperature monitoring transistor can be
automatically cancelled from the temperature result,
allowing noise filtering.
The combination of Beta cancellation and series
resistance cancellation provides critical high accuracy
temperature sensing on 45 nm CPU’s and GPU’s.
The ADT7421 can measure the temperature of a remote
thermal transistor accurate to
±1°C and the ambient
temperature accurate to
±1°C. The temperature measurement
range defaults to 0
°C to +125°C, compatible with the
ADM1032, but it can be switched to a wider measurement
range of −40
°C to +125°C.
The ADT7421 has a configurable ALERT output and an
extended, switchable temperature measurement range.
The ADT7421 communicates over a 2−wire serial
interface, compatible with system management bus
(SMBus) standards. The default SMBus address of the
ADT7421 is 0x4C. An ADT7421−2 is available with a
SMBus address of 0x4D. This is useful if more than one
ADT7421 is used on the same SMBus.
An ALERT output signals when the on−chip or remote
temperature is out of range. The THERM output is a
comparator output that allows on/off control of a cooling
fan. The ALERT output can be reconfigured as a second
THERM output, if required.
Figure 1. Block Diagram
A−TO−D
CONVERTER
RUN/STANDBY
BUSY
REMOTE OFFSET
REGISTER
STATUS REGISTER
INTERRUPT
MASKING
REMOTE TEMPERATURE
VALUE REGISTER
LOCAL TEMPERATURE
VALUE REGISTER
ON−CHIP
TEMPERATURE
SENSOR
ANALOG
MUX
EXTERNAL DIODE OPEN−CIRCUIT
SMBus INTERFACE
ADT7421
3
2
8
4
1
57
VDD
GND
SDATA
SCLK
THERM
6
D+
D–
ALERT/THERM2
CONFIGURATION
REGISTERS
EXTERNAL THERM LIMIT
REGISTERS
LOCAL THERM LIMIT
REGISTERS
REMOTE TEMPERATURE
HIGH−LIMIT REGISTER
REMOTE TEMPERATURE
LOW−LIMIT REGISTER
LOCAL TEMPERATURE
HIGH−LIMIT REGISTER
LOCAL TEMPERATURE
LOW−LIMIT REGISTER
CONVERSION RATE
REGISTER
ADDRESS POINTER
REGISTER
PIN ASSIGNMENT
Pin No.
Mnemonic
Description
1
VDD
Positive Supply, 3.0 V to 3.6 V.
2
D+
Positive Connection to Remote Temperature Sensor. (Anode)
3
D−
Negative Connection to Remote Temperature Sensor. (Cathode)
4
THERM
Open-Drain Output. Can be used to turn a fan on/off or throttle a CPU clock in the event of an
overtemperature condition. Requires pullup resistor.
5
GND
Supply Ground Connection.
6
ALERT / THERM2
Open-Drain Logic Output Used as Interrupt or SMBus ALERT. This can also be configured as a
second THERM output. Requires pullup resistor.
7
SDATA
Logic Input/Output, SMBus Serial Data. Open-Drain Output. Requires pullup resistor.
8
SCLK
Logic Input, SMBus Serial Clock. Requires pullup resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com