Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7461AARMZ-R Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADT7461AARMZ-R
Description  짹1??Temperature Monitor with Series Resistance Cancellation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7461AARMZ-R Datasheet(HTML) 5 Page - ON Semiconductor

  ADT7461AARMZ-R Datasheet HTML 1Page - ON Semiconductor ADT7461AARMZ-R Datasheet HTML 2Page - ON Semiconductor ADT7461AARMZ-R Datasheet HTML 3Page - ON Semiconductor ADT7461AARMZ-R Datasheet HTML 4Page - ON Semiconductor ADT7461AARMZ-R Datasheet HTML 5Page - ON Semiconductor ADT7461AARMZ-R Datasheet HTML 6Page - ON Semiconductor ADT7461AARMZ-R Datasheet HTML 7Page - ON Semiconductor ADT7461AARMZ-R Datasheet HTML 8Page - ON Semiconductor ADT7461AARMZ-R Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ADT7461A
http://onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 3. Local Temperature Error vs. Temperature
Figure 4. Remote Temperature Error vs. Actual
Temperature
Figure 5. Temperature Error vs. D+/D− Leakage
Resistance
Figure 6. Temperature Error vs. D+/D− Capacitance
Figure 7. Operating Supply Current vs.
Conversion Rate
Figure 8. Operating Supply Current vs. Voltage
3.5
–1.0
–50
150
TEMPERATURE (5C)
3.0
2.5
2.0
1.5
1.0
0.5
050
100
DEV 1
DEV 2
DEV 3
DEV 4
DEV 5
DEV 6
DEV 7
DEV 8
DEV 9
DEV 10
DEV 11
DEV 12
DEV 13
DEV 14
DEV 15
DEV 16
MEAN
HIGH 4
LOW 4
–0.5
0
R
R
3.5
–1.0
–50
150
3.0
2.5
2.0
1.5
1.0
0.5
0
50
100
TEMPERATURE (5C)
DEV 1
DEV 2
DEV 3
DEV 4
DEV 5
DEV 6
DEV 7
DEV 8
DEV 9
DEV 10
DEV 11
DEV 12
DEV 13
DEV 14
DEV 15
DEV 16
HIGH 4
LOW 4
–0.5
0
R
R
10
–25
1
100
LEAKAGE RESISTANCE (MΩ)
5
–10
–15
–20
10
D+ TO GND
D+ TO VCC
0
–5
0
–18
0
25
CAPACITANCE (nF)
–2
–4
–6
–12
510
15
20
DEV 3
DEV 2
DEV 4
–8
–10
–16
–14
1000
0
0.01
100
CONVERSION RATE (Hz)
900
800
700
600
500
400
300
200
100
0.1
1
10
DEV 4BC
DEV 3BC
DEV 2BC
422
408
3.0
3.6
VDD (V)
420
418
416
414
412
410
3.1
3.2
3.3
3.4
3.5
DEV 3BC
DEV 2BC
DEV 4BC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com