Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7461AARMZ-R Datasheet(PDF) 1 Page - ON Semiconductor

Part # ADT7461AARMZ-R
Description  짹1??Temperature Monitor with Series Resistance Cancellation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7461AARMZ-R Datasheet(HTML) 1 Page - ON Semiconductor

  ADT7461AARMZ-R Datasheet HTML 1Page - ON Semiconductor ADT7461AARMZ-R Datasheet HTML 2Page - ON Semiconductor ADT7461AARMZ-R Datasheet HTML 3Page - ON Semiconductor ADT7461AARMZ-R Datasheet HTML 4Page - ON Semiconductor ADT7461AARMZ-R Datasheet HTML 5Page - ON Semiconductor ADT7461AARMZ-R Datasheet HTML 6Page - ON Semiconductor ADT7461AARMZ-R Datasheet HTML 7Page - ON Semiconductor ADT7461AARMZ-R Datasheet HTML 8Page - ON Semiconductor ADT7461AARMZ-R Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© Semiconductor Components Industries, LLC, 2009
December, 2009 − Rev. 6
1
Publication Order Number:
ADT7461A/D
ADT7461A
+15C Temperature Monitor
with Series Resistance
Cancellation
The ADT7461A is a dual−channel digital thermometer and
undertemperature/overtemperature alarm, intended for use in PCs and
thermal management systems. It is pin− and register−compatible with the
ADM1032 and ADT7461. A feature of the ADT7461A is series
resistance cancellation, where up to 1.5 k
W (typical) of resistance in
series with the temperature monitoring diode can be automatically
cancelled from the temperature result, allowing noise filtering. The
ADT7461A has a configurable ALERT output and an extended,
switchable temperature measurement range.
The ADT7461A can measure the temperature of a remote thermal
diode accurate to
±1°C and the ambient temperature accurate to ±3°C.
The temperature measurement range defaults to 0
°C to +127°C,
compatible with the ADM1032, but it can be switched to a wider
measurement range of −64
°C to +191°C.
The ADT7461A communicates over a 2−wire serial interface,
compatible with system management bus (SMBus) standards. The
default SMBus address of the ADT7461A is 0x4C. An ADT7461A−2 is
available with an SMBus address of 0x4D. This is useful if more than one
ADT7461A is used on the same SMBus.
An ALERT output signals when the on−chip or remote temperature is
out of range. The THERM output is a comparator output that allows
on/off control of a cooling fan. The ALERT output can be reconfigured
as a second THERM output, if required.
Features
• On−Chip and Remote Temperature Sensor
• 0.25°C Resolution/1°C Accuracy on Remote Channel
• 1°C Resolution/1°C Accuracy on Local Channel
• Automatically Cancels Up to 1.5 kW (Typ) of Resistance in Series
with Remote Diode to Allow Noise Filtering
• Extended, Switchable Temperature Measurement Range
0
°C to +127°C (Default) or –64°C to +191°C
• Pin− and Register−Compatible with ADM1032 and ADT7461
• 2−Wire SMBus Serial Interface with SMBus Alert Support
• Programmable Over/Undertemperature Limits
• Offset Registers for System Calibration
• Up to Two Overtemperature Fail−Safe THERM Outputs
• Small 8−Lead MSOP
• 240 mA Operating Current, 5 mA Standby Current
• These are Pb−Free Devices
Applications
• Desktop and Notebook Computers
• Industrial Controllers
• Smart Batteries
• Automotive
• Embedded Systems
• Burn−In Applications
• Instrumentation
MARKING DIAGRAM
http://onsemi.com
PIN ASSIGNMENT
VDD
D+
D–
GND
ALERT/THERM2
THERM
1
2
3
4
8
7
6
5
(Top View)
SCLK
SDATA
See detailed ordering and shipping information in the package
dimensions section on page 18 of this data sheet.
ORDERING INFORMATION
MSOP−8
CASE 846AB
T1x = Refer to Order Info Table
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
1
(Note: Microdot may be in either location)
1
8
T1x
AYWG
G


Similar Part No. - ADT7461AARMZ-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7461AARMZ-R ONSEMI-ADT7461AARMZ-R Datasheet
300Kb / 19P
Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
logo
Analog Devices
ADT7461AARMZ-REEL AD-ADT7461AARMZ-REEL Datasheet
554Kb / 24P
짹1째C Temperature Monitor with Series Resistance Cancellation
5/06-Rev. 0 to Rev. A
ADT7461AARMZ-REEL7 AD-ADT7461AARMZ-REEL7 Datasheet
554Kb / 24P
짹1째C Temperature Monitor with Series Resistance Cancellation
5/06-Rev. 0 to Rev. A
More results

Similar Description - ADT7461AARMZ-R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7461 AD-ADT7461 Datasheet
854Kb / 24P
짹1째C Temperature Monitor with Series Resistance Cancellation
10/03-Revision 0
ADT7461A AD-ADT7461A Datasheet
554Kb / 24P
짹1째C Temperature Monitor with Series Resistance Cancellation
5/06-Rev. 0 to Rev. A
logo
ON Semiconductor
ADT7461 ONSEMI-ADT7461 Datasheet
291Kb / 20P
짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
NCT1008 ONSEMI-NCT1008 Datasheet
287Kb / 20P
짹1?C Temperature Monitor with Series Resistance Cancellation
August, 2010 ??Rev. 3
NCT72CMTR2G ONSEMI-NCT72CMTR2G Datasheet
331Kb / 20P
Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
322Kb / 19P
Temperature Monitor with Series Resistance Cancellation
July, 2012 ??Rev. 1
NCT72 ONSEMI-NCT72 Datasheet
328Kb / 21P
1C Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
ADT7461 ONSEMI-ADT7461_14 Datasheet
274Kb / 20P
Temperature Monitor with Series Resistance Cancellation
March, 2014 ??Rev. 8
ADT7461A ONSEMI-ADT7461A_13 Datasheet
300Kb / 19P
Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
NCT72 ONSEMI-NCT72_17 Datasheet
255Kb / 20P
Temperature Monitor with Series Resistance Cancellation
June, 2017 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com