Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7461 Datasheet (PDF) - Analog Devices

ADT7461 Datasheet PDF - Analog Devices
Part # ADT7461
Download  ADT7461 Download
File Size   854.46 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 짹1째C Temperature Monitor with Series Resistance Cancellation

ADT7461 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADT7461 Datasheet PDF - Analog Devices

Part # ADT7461
Download  ADT7461 Click to download

File Size   854.46 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 짹1째C Temperature Monitor with Series Resistance Cancellation

ADT7461 Datasheet (HTML) - Analog Devices


ADT7461 Product details

GENERAL DESCRIPTION
The ADT74611 is a dual-channel digital thermometer and under/over temperature alarm, intended for use in PCs and thermal management systems. It is pin- and register-compatible with the ADM1032. The ADT7461 has three additional features: series resistance cancellation (where up to 3 kΩ (typical) of resistance in series with the temperature monitoring diode may be automatically cancelled from the temperature result, allowing noise filtering); configurable ALERT output; and an extended, switchable temperature measurement range.

FEATURES
   On-chip and remote temperature sensor
   0.25°C resolution/1°C accuracy on remote channel
   1°C resolution/3°C accuracy on local channel
   Automatically cancels up to 3 kΩ (typ) of resistance in series
      with remote diode to allow noise filtering
   Extended, switchable temperature measurement range 0°C
      to +127°C (default) or –55°C to +150°C
   Pin- and register-compatible with ADM1032
   2-wire SMBus serial interface with SMBus alert support
   Programmable over/under temperature limits
   Offset registers for system calibration
   Up to two overtemperature fail-safe THERM outputs
   Small 8-lead SOIC or MSOP package
   170 µA operating current, 5.5 µA standby current

APPLICATIONS
   Desktop and notebook computers
   Industrial controllers
   Smart batteries
   Automotive
   Enbedded systems
   Burn-in applications
   Instrumentation




Similar Part No. - ADT7461

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7461 ONSEMI-ADT7461 Datasheet
291Kb / 20P
짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461 ONSEMI-ADT7461 Datasheet
274Kb / 20P
Temperature Monitor with Series Resistance Cancellation
March, 2014 ??Rev. 8
logo
Analog Devices
ADT7461A AD-ADT7461A Datasheet
554Kb / 24P
짹1째C Temperature Monitor with Series Resistance Cancellation
5/06-Rev. 0 to Rev. A
logo
ON Semiconductor
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461A ONSEMI-ADT7461A Datasheet
300Kb / 19P
Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
More results


Similar Description - ADT7461

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7461A AD-ADT7461A Datasheet
554Kb / 24P
짹1째C Temperature Monitor with Series Resistance Cancellation
5/06-Rev. 0 to Rev. A
logo
ON Semiconductor
ADT7461 ONSEMI-ADT7461 Datasheet
291Kb / 20P
짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
NCT1008 ONSEMI-NCT1008 Datasheet
287Kb / 20P
짹1?C Temperature Monitor with Series Resistance Cancellation
August, 2010 ??Rev. 3
NCT72CMTR2G ONSEMI-NCT72CMTR2G Datasheet
331Kb / 20P
Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
322Kb / 19P
Temperature Monitor with Series Resistance Cancellation
July, 2012 ??Rev. 1
NCT72 ONSEMI-NCT72 Datasheet
328Kb / 21P
1C Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
ADT7461 ONSEMI-ADT7461_14 Datasheet
274Kb / 20P
Temperature Monitor with Series Resistance Cancellation
March, 2014 ??Rev. 8
ADT7461A ONSEMI-ADT7461A_13 Datasheet
300Kb / 19P
Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
NCT72 ONSEMI-NCT72_17 Datasheet
255Kb / 20P
Temperature Monitor with Series Resistance Cancellation
June, 2017 ??Rev. 5
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com