Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7461 Datasheet(PDF) 1 Page - Analog Devices

Part # ADT7461
Description  짹1째C Temperature Monitor with Series Resistance Cancellation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7461 Datasheet(HTML) 1 Page - Analog Devices

  ADT7461 Datasheet HTML 1Page - Analog Devices ADT7461 Datasheet HTML 2Page - Analog Devices ADT7461 Datasheet HTML 3Page - Analog Devices ADT7461 Datasheet HTML 4Page - Analog Devices ADT7461 Datasheet HTML 5Page - Analog Devices ADT7461 Datasheet HTML 6Page - Analog Devices ADT7461 Datasheet HTML 7Page - Analog Devices ADT7461 Datasheet HTML 8Page - Analog Devices ADT7461 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
±1°C Temperature Monitor with
Series Resistance Cancellation
ADT7461*
FEATURES
On-chip and remote temperature sensor
0.25°C resolution/1°C accuracy on remote channel
1°C resolution/3°C accuracy on local channel
Automatically cancels up to 3 kΩ (typ) of resistance in series
with remote diode to allow noise filtering
Extended, switchable temperature measurement range 0°C
to +127°C (default) or –55°C to +150°C
Pin and register compatible with ADM1032
2-wire SMBus serial interface with SMBus alert support
Programmable over/under temperature limits
Offset registers for system calibration
Up to 2 overtemperature fail-safe THERM outputs
Small 8-lead SOIC or MSOP package
170 µA operating current, 5.5 µA standby current
APPLICATIONS
Desktop and notebook computers
Industrial controllers
Smart batteries
Automotive
Enbedded systems
Burn-in applications
Instrumentation
PRODUCT DESCRIPTION
The ADT7461 is a dual-channel digital thermometer and
under/over temperature alarm, intended for use in PCs and
thermal management systems. It is pin and register compatible
with the ADM1032. The ADT7461 has three additional features:
series resistance cancellation, where up to 3 kΩ (typical) of
resistance in series with the temperature monitoring diode may
be automatically cancelled from the temperature result, allowing
noise filtering; configurable ALERT output; and an extended,
switchable temperature measurement range.
The ADT7461 can measure the temperature of a remote ther-
mal diode accurate to ±1°C, and the ambient temperature accu-
rate to ±3°C. The temperature measurement range defaults to
0°C to +127°C, compatible with ADM1032, but can be switched
to a wider measurement range, from −55°C to +150°C. The
ADT7461 communicates over a 2-wire serial interface compati-
ble with system management bus (SMBus) standards. An
ALERT output signals when the on-chip or remote temperature
is out of range. The THERM output is a comparator output that
allows on/off control of a cooling fan. The ALERT output can
be reconfigured as a second THERM output if required.
*Protected by U.S. Patents
5,195,827; 5,867,012; 5,982,221;
6,097,239; 6,133,753; 6,169,442; other patents pending.
SCLK
SDATA
GND
VDD
6
4
ADDRESS POINTER
REGISTER
LOCAL TEMPERATURE
LOW LIMIT REGISTER
LOCAL TEMPERATURE
HIGH LIMIT REGISTER
REMOTE TEMPERATURE
LOW LIMIT REGISTER
REMOTE TEMPERATURE
HIGH LIMIT REGISTER
LOCAL TEMPERATURE
VALUE REGISTER
REMOTE TEMPERATURE
VALUE REGISTER
ADC
ANALOG
MUX
ON-CHIP
TEMPERATURE
SENSOR
RUN/STANDBY
BUSY
REMOTE OFFSET
REGISTER
EXTERNAL DIODE OPEN-CIRCUIT
ADT7461
STATUS REGISTER
SMBus INTERFACE
LOCAL THERM LIMIT
REGISTER
EXTERNAL THERM LIMIT
REGISTER
CONFIGURATION
REGISTER
INTERRUPT
MASKING
7
5
1
8
THERM
ALERT/
THERM2
D+
D–
SRC
BLOCK
2
3
CONVERSION RATE
REGISTER
Figure 1. Functional Block Diagram
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
Rev. 0


Similar Part No. - ADT7461

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7461 ONSEMI-ADT7461 Datasheet
291Kb / 20P
짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461 ONSEMI-ADT7461 Datasheet
274Kb / 20P
Temperature Monitor with Series Resistance Cancellation
March, 2014 ??Rev. 8
logo
Analog Devices
ADT7461A AD-ADT7461A Datasheet
554Kb / 24P
짹1째C Temperature Monitor with Series Resistance Cancellation
5/06-Rev. 0 to Rev. A
logo
ON Semiconductor
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461A ONSEMI-ADT7461A Datasheet
300Kb / 19P
Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
More results

Similar Description - ADT7461

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7461A AD-ADT7461A Datasheet
554Kb / 24P
짹1째C Temperature Monitor with Series Resistance Cancellation
5/06-Rev. 0 to Rev. A
logo
ON Semiconductor
ADT7461 ONSEMI-ADT7461 Datasheet
291Kb / 20P
짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
NCT1008 ONSEMI-NCT1008 Datasheet
287Kb / 20P
짹1?C Temperature Monitor with Series Resistance Cancellation
August, 2010 ??Rev. 3
NCT72CMTR2G ONSEMI-NCT72CMTR2G Datasheet
331Kb / 20P
Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
322Kb / 19P
Temperature Monitor with Series Resistance Cancellation
July, 2012 ??Rev. 1
NCT72 ONSEMI-NCT72 Datasheet
328Kb / 21P
1C Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
ADT7461 ONSEMI-ADT7461_14 Datasheet
274Kb / 20P
Temperature Monitor with Series Resistance Cancellation
March, 2014 ??Rev. 8
ADT7461A ONSEMI-ADT7461A_13 Datasheet
300Kb / 19P
Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
NCT72 ONSEMI-NCT72_17 Datasheet
255Kb / 20P
Temperature Monitor with Series Resistance Cancellation
June, 2017 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com