Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7461A Datasheet (PDF) - Analog Devices

ADT7461A Datasheet PDF - Analog Devices
Part # ADT7461A
Download  ADT7461A Download
File Size   554.03 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 짹1째C Temperature Monitor with Series Resistance Cancellation

ADT7461A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADT7461A Datasheet PDF - Analog Devices

Part # ADT7461A
Download  ADT7461A Click to download

File Size   554.03 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 짹1째C Temperature Monitor with Series Resistance Cancellation

ADT7461A Datasheet (HTML) - Analog Devices


ADT7461A Product details

GENERAL DESCRIPTION
The ADT7461A1 is a dual-channel digital thermometer and undertemperature/overtemperature alarm, intended for use in PCs and thermal management systems. It is pin- and registercompatible with the ADM1032 and the ADT7461. A feature of the ADT7461A is series resistance cancellation, where up to 1.5 kΩ (typical) of resistance in series with the temperature monitoring diode can be automatically cancelled from the temperature result, allowing noise filtering. The ADT7461A has a configurable ALERT output and an extended, switchable temperature measurement range.

FEATURES
   On-chip and remote temperature sensor
   0.25°C resolution/1°C accuracy on remote channel
   1°C resolution/1°C accuracy on local channel
   Automatically cancels up to 1.5 kΩ (typical) of resistance in
      series with remote diode to allow noise filtering
   Extended, switchable temperature measurement range
      0°C to +127°C (default) or –64°C to +191°C
   Pin- and register-compatible with ADM1032 and ADT7461
   2-wire SMBus serial interface with SMBus alert support
   Programmable over/under temperature limits
   Offset registers for system calibration
   Up to two overtemperature fail-safe THERM outputs
   Small 8-lead MSOP
   240 μA operating current, 5 μA standby current

APPLICATIONS
   Desktop and notebook computers
   Industrial controllers
   Smart batteries
   Automotive
   Embedded systems
   Burn-in applications
   Instrumentation




Similar Part No. - ADT7461A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461A ONSEMI-ADT7461A Datasheet
300Kb / 19P
Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
ADT7461AARMZ ONSEMI-ADT7461AARMZ Datasheet
282Kb / 19P
짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461AARMZ-002 ONSEMI-ADT7461AARMZ-002 Datasheet
282Kb / 19P
짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461AARMZ-2RL ONSEMI-ADT7461AARMZ-2RL Datasheet
282Kb / 19P
짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
More results


Similar Description - ADT7461A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7461 AD-ADT7461 Datasheet
854Kb / 24P
짹1째C Temperature Monitor with Series Resistance Cancellation
10/03-Revision 0
logo
ON Semiconductor
ADT7461 ONSEMI-ADT7461 Datasheet
291Kb / 20P
짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
NCT1008 ONSEMI-NCT1008 Datasheet
287Kb / 20P
짹1?C Temperature Monitor with Series Resistance Cancellation
August, 2010 ??Rev. 3
NCT72CMTR2G ONSEMI-NCT72CMTR2G Datasheet
331Kb / 20P
Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
322Kb / 19P
Temperature Monitor with Series Resistance Cancellation
July, 2012 ??Rev. 1
NCT72 ONSEMI-NCT72 Datasheet
328Kb / 21P
1C Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
ADT7461 ONSEMI-ADT7461_14 Datasheet
274Kb / 20P
Temperature Monitor with Series Resistance Cancellation
March, 2014 ??Rev. 8
ADT7461A ONSEMI-ADT7461A_13 Datasheet
300Kb / 19P
Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
NCT72 ONSEMI-NCT72_17 Datasheet
255Kb / 20P
Temperature Monitor with Series Resistance Cancellation
June, 2017 ??Rev. 5
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com