Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7461 Datasheet (PDF) - ON Semiconductor

ADT7461 Datasheet PDF - ON Semiconductor
Part # ADT7461
Download  ADT7461 Download
File Size   291.02 Kbytes
Page   20 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 짹1??Temperature Monitor with Series Resistance Cancellation

ADT7461 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADT7461 Datasheet PDF - ON Semiconductor

Part # ADT7461
Download  ADT7461 Click to download

File Size   291.02 Kbytes
Page   20 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 짹1??Temperature Monitor with Series Resistance Cancellation

ADT7461 Datasheet (HTML) - ON Semiconductor


ADT7461 Product details

The ADT7461 is a dual-channel digital thermometer and under/over temperature alarm intended for use in PCs and thermal management systems. It is pin- and register-compatible with the ADM1032. The ADT7461 has three additional features: series resistance cancellation (where up to 3 kΩ(typical) of resistance in series with the temperature monitoring diode may be automatically cancelled from the temperature





FEATURES

•On-Chip and Remote Temperature Sensor

•0.25°C Resolution/1°C Accuracy on Remote Channel

•1°C Resolution/3°C Accuracy on Local Channel

•Automatically Cancels Up to 3 kΩ(Typ) of Resistance in Series with Remote Diode to Allow Noise Filtering

•Extended, Switchable Temperature Measurement Range 0°C to +127°C (Default) or –55°C to +150°C

•Pin−and Register−Compatible with the ADM1032

•2−Wire SMBus Serial Interface with SMBus Alert Support

•Two SMBus Address Versions Available:

♦ADT7461 SMBus Address is 0x4C

♦ADT7461-2 SMBus Address is 0x4D

•Programmable Over/Undertemperature Limits

•Offset Registers for System Calibration

•Up to Two Overtemperature Fail−Safe THERMOutputs

•Small 8−Lead SOIC or 8−Lead MSOP Packages

•170 A Operating Current, 5.5 A Standby Current

•These are Pb−Free Devices




Similar Part No. - ADT7461

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7461 AD-ADT7461 Datasheet
854Kb / 24P
짹1째C Temperature Monitor with Series Resistance Cancellation
10/03-Revision 0
logo
ON Semiconductor
ADT7461 ONSEMI-ADT7461 Datasheet
274Kb / 20P
Temperature Monitor with Series Resistance Cancellation
March, 2014 ??Rev. 8
logo
Analog Devices
ADT7461A AD-ADT7461A Datasheet
554Kb / 24P
짹1째C Temperature Monitor with Series Resistance Cancellation
5/06-Rev. 0 to Rev. A
logo
ON Semiconductor
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461A ONSEMI-ADT7461A Datasheet
300Kb / 19P
Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
More results


Similar Description - ADT7461

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7461 AD-ADT7461 Datasheet
854Kb / 24P
짹1째C Temperature Monitor with Series Resistance Cancellation
10/03-Revision 0
ADT7461A AD-ADT7461A Datasheet
554Kb / 24P
짹1째C Temperature Monitor with Series Resistance Cancellation
5/06-Rev. 0 to Rev. A
logo
ON Semiconductor
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
NCT1008 ONSEMI-NCT1008 Datasheet
287Kb / 20P
짹1?C Temperature Monitor with Series Resistance Cancellation
August, 2010 ??Rev. 3
NCT72CMTR2G ONSEMI-NCT72CMTR2G Datasheet
331Kb / 20P
Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
322Kb / 19P
Temperature Monitor with Series Resistance Cancellation
July, 2012 ??Rev. 1
NCT72 ONSEMI-NCT72 Datasheet
328Kb / 21P
1C Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
ADT7461 ONSEMI-ADT7461_14 Datasheet
274Kb / 20P
Temperature Monitor with Series Resistance Cancellation
March, 2014 ??Rev. 8
ADT7461A ONSEMI-ADT7461A_13 Datasheet
300Kb / 19P
Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
NCT72 ONSEMI-NCT72_17 Datasheet
255Kb / 20P
Temperature Monitor with Series Resistance Cancellation
June, 2017 ??Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com