Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7461 Datasheet(PDF) 21 Page - Analog Devices

Part # ADT7461
Description  짹1째C Temperature Monitor with Series Resistance Cancellation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7461 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADT7461 Datasheet HTML 16Page - Analog Devices ADT7461 Datasheet HTML 17Page - Analog Devices ADT7461 Datasheet HTML 18Page - Analog Devices ADT7461 Datasheet HTML 19Page - Analog Devices ADT7461 Datasheet HTML 20Page - Analog Devices ADT7461 Datasheet HTML 21Page - Analog Devices ADT7461 Datasheet HTML 22Page - Analog Devices ADT7461 Datasheet HTML 23Page - Analog Devices ADT7461 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADT7461
OUTLINE DIMENSIONS
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
× 45°
8°
0°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
85
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2440)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-012AA
Figure 24. 8-Lead Standard Small Outline Package
[SOIC] (R-8)
Dimensions shown in millimeters and (inches)
0.80
0.60
0.40
8°
0°
4
85
4.90
BSC
PIN 1
0.65 BSC
3.00
BSC
SEATING
PLANE
0.15
0.00
0.38
0.22
1.10 MAX
3.00
BSC
COPLANARITY
0.10
0.23
0.08
COMPLIANT TO JEDEC STANDARDS MO-187AA
Figure 25. 8-Lead Micro Small Outline Package
[MSOP] (RM-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Operating
Temperature Range
Package Description
Package Option
Branding
Information
SMBus
Address
ADT7461AR
−40°C to +125°C
8-Lead SOIC Package
R-8
ADT7461AR
4C
ADT7461AR-REEL
−40°C to +125°C
8-Lead SOIC Package
R-8
ADT7461AR
4C
ADT7461AR-REEL7
−40°C to +125°C
8-Lead SOIC Package
R-8
ADT7461AR
4C
ADT7461ARM
−40°C to +125°C
8-Lead MSOP Package
RM-8
T1B
4C
ADT7461ARM-REEL
−40°C to +125°C
8-Lead MSOP Package
RM-8
T1B
4C
ADT7461ARM-REEL7
−40°C to +125°C
8-Lead MSOP Package
RM-8
T1B
4C
EVAL-ADT7461EB
ADT7461 Evaluation Board
Rev. 0 | Page 21 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com