Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7482ARMZ Datasheet(PDF) 13 Page - ON Semiconductor

Part # ADT7482ARMZ
Description  Dual Channel Temperature Sensor and Overtemperature Alarm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7482ARMZ Datasheet(HTML) 13 Page - ON Semiconductor

Back Button ADT7482ARMZ Datasheet HTML 9Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 10Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 11Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 12Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 13Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 14Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 15Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 16Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADT7482
http://onsemi.com
13
Table 11. List of Registers
Read
Address
(Hex)
Write
Address
(Hex)
Mnemonic
Power−On Default
Comment
Lock
N/A
N/A
Address Pointer
Undefined
No
00
N/A
Local Temperature Value
0000 0000 (0x00)
No
01
N/A
Remote 1 Temperature Value High Byte
0000 0000 (0x00)
Bit 3 Conf. Reg. = 0
No
01
N/A
Remote 2 Temperature Value High Byte
0000 0000 (0x00)
Bit 3 Conf. Reg. = 1
No
02
N/A
Status Register 1
Undefined
No
03
09
Configuration Register 1
0000 0000 (0x00)
Yes
04
0A
Conversion Rate
0000 0111 (0x07)
Yes
05
0B
Local Temperature High Limit
0101 0101 (0x55) (85°C)
Yes
06
0C
Local Temperature Low Limit
0000 0000 (0x00) (0°C)
Yes
07
0D
Remote 1 Temperature High Limit High Byte
0101 0101 (0x55) (85°C)
Bit 3 Conf. Reg. = 0
Yes
07
0D
Remote 2 Temperature High Limit High Byte
0101 0101 (0x55) (85°C)
Bit 3 Conf. Reg. = 1
Yes
08
0E
Remote 1 Temperature Low Limit High Byte
0000 0000 (0x00) (0°C)
Bit 3 Conf. Reg. = 0
Yes
08
0E
Remote 2 Temperature Low Limit High Byte
0000 0000 (0x00) (0°C)
Bit 3 Conf. Reg. = 1
Yes
N/A
0F
(Note 1)
One Shot
N/A
10
N/A
Remote 1 Temperature Value Low Byte
0000 0000
Bit 3 Conf. Reg. = 0
No
10
N/A
Remote 2 Temperature Value Low Byte
0000 0000
Bit 3 Conf. Reg. = 1
No
11
11
Remote 1 Temperature Offset High Byte
0000 0000
Bit 3 Conf. Reg. = 0
Yes
11
11
Remote 2 Temperature Offset High Byte
0000 0000
Bit 3 Conf. Reg. = 1
Yes
12
12
Remote 1 Temperature Offset Low Byte
0000 0000
Bit 3 Conf. Reg. = 0
Yes
12
12
Remote 2 Temperature Offset Low Byte
0000 0000
Bit 3 Conf. Reg. = 1
Yes
13
13
Remote 1 Temperature High Limit Low Byte
0000 0000
Bit 3 Conf. Reg. = 0
Yes
13
13
Remote 2 Temperature High Limit Low Byte
0000 0000
Bit 3 Conf. Reg. = 1
Yes
14
14
Remote 1 Temperature Low Limit Low Byte
0000 0000
Bit 3 Conf. Reg. = 0
Yes
14
14
Remote 2 Temperature Low Limit Low Byte
0000 0000
Bit 3 Conf. Reg. = 1
Yes
19
19
Remote 1 THERM Limit
0101 0101 (0x55) (85°C)
Bit 3 Conf. Reg. = 0
Yes
19
19
Remote 2 THERM Limit
0101 0101 (0x55) (85°C)
Bit 3 Conf. Reg. = 1
Yes
20
20
Local THERM Limit
0101 0101 (0x55) (85°C)
Yes
21
21
THERM Hysteresis
0000 1010 (0x0A) (10°C)
Yes
22
22
Consecutive ALERT
0000 0001 (0x01)
Yes
23
N/A
Status Register 2
0000 0000 (0x00)
No
24
24
Configuration 2 Register
0000 0000 (0x00)
Yes
30
N/A
Remote 2 Temperature Value High Byte
0000 0000 (0x00)
No
31
31
Remote 2 Temperature High Limit High Byte
0101 0101 (0x55) (85°C)
Yes
32
32
Remote 2 Temperature Low Limit High Byte
0000 0000 (0x00) (0°C)
Yes
33
N/A
Remote 2 Temperature Value Low Byte
0000 0000 (0x00)
No
34
34
Remote 2 Temperature Offset High Byte
0000 0000 (0x00)
Yes
35
35
Remote 2 Temperature Offset Low Byte
0000 0000 (0x00)
Yes
36
36
Remote 2 Temperature High Limit Low Byte
0000 0000 (0x00) (0°C)
Yes
37
37
Remote 2 Temperature Low Limit Low Byte
0000 0000 (0x00) (0°C)
Yes
39
39
Remote 2 THERM Limit
0101 0101 (0x55) (85°C)
Yes
FE
N/A
Manufacturer ID
0100 0001 (0x41)
N/A
FF
N/A
Die Revision Code
0110 0101 (0x65)
N/A
1. Writing to address 0F causes the ADT7482 to perform a single measurement. It is not a data register as such and it does not matter what
data is written to it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com