Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7482ARMZ Datasheet(PDF) 4 Page - ON Semiconductor

Part # ADT7482ARMZ
Description  Dual Channel Temperature Sensor and Overtemperature Alarm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7482ARMZ Datasheet(HTML) 4 Page - ON Semiconductor

  ADT7482ARMZ Datasheet HTML 1Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 2Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 3Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 4Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 5Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 6Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 7Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 8Page - ON Semiconductor ADT7482ARMZ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADT7482
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (TA = −40°C to +120°C, VDD = 3.0 V to 3.6 V, unless otherwise noted.
Parameter
Test Conditions
Min
Typ
Max
Unit
Power Supply
Supply Voltage, VDD
3.0
3.30
3.6
V
Average Operating Supply Current, IDD
0.0625 conversions/sec rate (Note 1)
240
350
mA
Standby mode
5.0
30
mA
Undervoltage Lockout Threshold
VDD input, disables ADC, rising edge
2.55
V
Power−On Reset Threshold
1.0
2.5
V
Temperature−to−Digital Converter
Local Sensor Accuracy
0°C ≤ TA ≤ +70°C
0°C ≤ TA ≤ +85°C
−40°C ≤ TA ≤ +100°C
±1.0
±1.5
±2.5
°C
Resolution
1.0
°C
Remote Diode Sensor Accuracy (Note 2)
0°C ≤ TA ≤ +70°C, −55°C ≤ TD ≤ +150°C
0°C ≤ TA ≤ +85°C, −55°C ≤ TD ≤ +150°C
−40°C ≤ TA ≤ +100°C, −55°C ≤ TD ≤ +150°C
±1.0
±1.5
±2.5
°C
Resolution
0.25
°C
Remote Sensor Source Current
High level (Note 3)
Mid level (Note 3)
Low level (Note 2)
220
82
13.5
mA
Maximum Series Resistance Cancelled
Resistance split evenly on D+ and D− lines
1.5
kW
Conversion Time
From stop bit to conversion complete (all
channels) one−shot mode with averaging
switched on
71
11.5
93
ms
One−shot mode with averaging off
(conversion rate = 16, 32, or 64 conversions
per second)
71
11.5
15
ms
Open−Drain Digital Outputs (THERM, ALERT / THERM2)
Output Low Voltage, VOL
IOUT = −6.0 mA
0.4
V
High Level Output Leakage Current, IOH
VOUT = VDD
0.1
1.0
mA
SMBus Interface (Note 3 and 4)
Logic Input High Voltage, VIH SCLK, SDATA
2.1
V
Logic Input Low Voltage, VIL SCLK, SDATA
0.8
V
Hysteresis
500
mV
SDA Output Low Voltage, VOL
IOUT = −6.0 mA
0.4
V
Logic Input Current, IIH, IIL
−1.0
+1.0
mA
SMBus Input Capacitance, SCLK, SDATA
5.0
pF
SMBus Clock Frequency
400
kHz
SMBus Timeout (Note 5)
User programmable
25
64
ms
SCLK Falling Edge to SDATA Valid Time
Master clocking in data
1.0
ms
1. See Table 11for conversion rates.
2. Guaranteed by characterization, but not production tested.
3. Guaranteed by design, but not production tested.
4. See the Timing Specifications section for more information.
5. Disabled by default. For details on enabling the SMBus, see the Serial Bus Interface section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com