Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F807 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 56F807
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F807 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  56F807 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
56F807 Description
56F807 Technical Data Technical Data, Rev. 16
Freescale Semiconductor
5
•
Two dedicated General Purpose Quad Timers totaling six pins: Timer C with two pins and Timer D with
four pins
•
CAN 2.0 B Module with 2-pin port for transmit and receive
•
Two Serial Communication Interfaces each with two pins (or four additional GPIO lines)
•
Serial Peripheral Interface (SPI) with configurable 4-pin port (or four additional GPIO lines)
•
Computer-Operating Properly (COP) Watchdog timer
•
Two dedicated external interrupt pins
•
14 dedicated General Purpose I/O (GPIO) pins, 18 multiplexed GPIO pins
•
External reset input pin for hardware reset
•
External reset output pin for system reset
•
JTAG/On-Chip Emulation (OnCE™) for unobtrusive, processor speed-independent debugging
•
Software-programmable, Phase Locked Loop-based frequency synthesizer for the controller core clock
1.1.4
Energy Information
•
Fabricated in high-density CMOS with 5V-tolerant, TTL-compatible digital inputs
•
Uses a single 3.3V power supply
•
On-chip regulators for digital and analog circuitry to lower cost and reduce noise
•
Wait and Stop modes available
1.2 56F807 Description
The 56F807 is a member of the 56800 core-based family of processors. It combines, on a single chip, the
processing power of a DSP and the functionality of a microcontroller with a flexible set of peripherals to
create an extremely cost-effective solution. Because of its low cost, configuration flexibility, and compact
program code, the 56F807 is well-suited for many applications. The 56F807 includes many peripherals
that are especially useful for applications such as motion control, smart appliances, steppers, encoders,
tachometers, limit switches, power supply and control, automotive control, engine management, noise
suppression, remote utility metering, industrial control for power, lighting, and automation.
The 56800 core is based on a Harvard-style architecture consisting of three execution units operating in
parallel, allowing as many as six operations per instruction cycle. The MCU-style programming model and
optimized instruction set allow straightforward generation of efficient, compact DSP and control code.
The instruction set is also highly efficient for C/C++ Compilers to enable rapid development of optimized
control applications.
The 56F807 supports program execution from either internal or external memories. Two data operands can
be accessed from the on-chip Data RAM per instruction cycle. The 56F807 also provides two external
dedicated interrupt lines and up to 32 General Purpose Input/Output (GPIO) lines, depending on peripheral
configuration.
The 56F807 controller includes 60K, 16-bit words of Program Flash and 8K words of Data Flash (each
programmable through the JTAG port) with 2K words of Program RAM and 4K words of Data RAM. It
also supports program execution from external memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com