Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F807 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 56F807
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F807 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 56F807 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
Serial Communications Interface (SCI) Signals
56F807 Technical Data Technical Data, Rev. 16
Freescale Semiconductor
17
2.10 Serial Communications Interface (SCI) Signals
Table 2-14 Serial Peripheral Interface (SPI) Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
1
MISO
GPIOE6
Input/
Output
Input/Outp
ut
Input
Input
SPI Master In/Slave Out (MISO)—This serial data pin is an input to a
master device and an output from a slave device. The MISO line of a
slave device is placed in the high-impedance state if the slave device is
not selected.
Port E GPIO—This pin is a General Purpose I/O (GPIO) pin that can
individually be programmed as input or output pin.
After reset, the default state is MISO.
1
MOSI
GPIOE5
Input/
Output
Input/Outp
ut
Input
Input
SPI Master Out/Slave In (MOSI)—This serial data pin is an output from
a master device and an input to a slave device. The master device
places data on the MOSI line a half-cycle before the clock edge that the
slave device uses to latch the data.
Port E GPIO—This pin is a General Purpose I/O (GPIO) pin that can
individually be programmed as input or output pin.
After reset, the default state is MOSI.
1
SCLK
GPIOE4
Input/Outp
ut
Input/Outp
ut
Input
Input
SPI Serial Clock—In master mode, this pin serves as an output,
clocking slaved listeners. In slave mode, this pin serves as the data
clock input.
Port E GPIO—This pin is a General Purpose I/O (GPIO) pin that can
individually be programmed as input or output pin.
After reset, the default state is SCLK.
1
SS
GPIOE7
Input
Input/Outp
ut
Input
Input
SPI Slave Select—In master mode, this pin is used to arbitrate multiple
masters. In slave mode, this pin is used to select the slave.
Port E GPIO—This pin is a General Purpose I/O (GPIO) pin that can
individually be programmed as input or output pin.
After reset, the default state is SS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com