Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  24-Bit Digital Signal Processor
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 108 page
background image
TQFP Package Mechanical Drawing
DSP56303 Technical Data, Rev. 11
Freescale Semiconductor
3-9
3.2 TQFP Package Mechanical Drawing
Figure 3-3.
DSP56303 Mechanical Information, 144-pin TQFP Package
Seating
plane
0.1 T 144X
C
2
θ
View AB
2
θ
T
Plating
F
AA
J
D
Base
metal
Section J1-J1
(rotated 90)
144 PL
M
0.08
N
TL-M
N
0.20 T L-M
144
73
109
37
108
1
36
72
4X
4X 36 TIPS
Pin 1
ident
View Y
B
B1
V1
A1
S1
V
A
S
N
0.20 T L-M
M
L
N
P
4X
G
140X
J1
J1
View Y
C
L
X
X=L, M or N
Gage plane
θ
0.05
(Z)
R2
E
C2
(Y)
R1
(K)
C1
1
θ
0.25
View AB
DIM
MIN
MAX
Millimeters
A
20.00 BSC
A1
10.00 BSC
B
20.00 BSC
B1
10.00 BSC
C
1.40
1.60
C1
0.05
0.15
C2
1.35
1.45
D
0.17
0.27
E
0.45
0.75
F
0.17
0.23
G
0.50 BSC
J
0.09
0.20
K
0.50 REF
P
0.25 BSC
R1
0.13
0.20
R2
0.13
0.20
S
22.00 BSC
S1
11.00 BSC
V
22.00 BSC
V1
11.00 BSC
Y
0.25 REF
Z
1.00 REF
AA
0.09
0.16
θ
0
°
θ
0
°
7
°
θ
11
°
13
°
1
2
Notes:
1. Dimensions and tolerancing per ASME
Y14.5, 1994.
2. Dimensions in millimeters.
3. Datums L, M and N to be determined at the
seating plane, datum T.
4. Dimensions S and V to be determined at
the seating plane, datum T.
5. Dimensions A and B do not include mold
protrusion. Allowable protrusion is 0.25 per
side. Dimensions A and B do include mold
mismatch and are determined at datum
plane H.
6. Dimension D does not include dambar
protrusion. Allowable dambar protrusion
shall not cause the D dimension to exceed
0.35.
CASE 918-03
—
ISSUE C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com