Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  24-Bit Digital Signal Processor
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  DSP56303 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
Freescale Semiconductor
Technical Data
DSP56303
Rev. 11, 2/2005
© Freescale Semiconductor, Inc., 1996, 2005. All rights reserved.
DSP56303
24-Bit Digital Signal Processor
The DSP56303 is a member of the DSP56300 core family of programmable CMOS DSPs. Significant architectural
features of the DSP56300 core family include a barrel shifter, 24-bit addressing, instruction cache, and DMA. The
DSP56303 offers 100 MMACS using an internal 100 MHz clock at 3.0–3.6 volts. The DSP56300 core family
offers a rich instruction set and low power dissipation, as well as increasing levels of speed and power to enable
wireless, telecommunications, and multimedia products.
Figure 1. DSP56303 Block Diagram
PLL
OnCE™
Clock
Generator
Internal
Data
Bus
Switch
YAB
XAB
PAB
YDB
XDB
PDB
GDB
MODB/IRQB
MODC/IRQC
External
Data Bus
Switch
13
MODD/IRQD
DSP56300
6
16
24-Bit
24
18
DDB
DAB
Peripheral
Core
Expansion Area
6
JTAG
5
3
RESET
MODA/IRQA
PINIT/NMI
2
Bootstrap
ROM
EXTAL
XTAL
Address
Control
Data
Address
Generation
Unit
Six-Channel
DMA Unit
Program
Interrupt
Controller
Program
Decode
Controller
Program
Address
Generator
Data ALU
24
× 24 + 56 →56-bit MAC
Two 56-bit Accumulators
56-bit Barrel Shifter
Power
Management
External
Bus
Interface
and Inst.
Cache
Control
External
Address
Bus
Switch
Memory Expansion Area
DE
X Data
RAM
2048
× 24
bits
(default)
Y Data
RAM
2048
× 24
bits
(default)
Triple
Timer
HI08
ESSI
SCI
PrograM
4096
× 24
bits
(default)
RAM
The DSP56303 is intended
for use in telecommunication
applications, such as multi-
line voice/data/ fax
processing, video
conferencing, audio
applications, control, and
general digital signal
processing.
What’s New?
Rev. 11 includes the following
changes:
• Adds lead-free packaging and
part numbers.


Similar Part No. - DSP56303

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56303 FREESCALE-DSP56303 Datasheet
3Mb / 292P
DSP56303 USER?셎 MANUAL
logo
NXP Semiconductors
DSP56303 NXP-DSP56303 Datasheet
2Mb / 108P
24-Bit Digital Signal Processor
Rev. 11
DSP56303AG100 NXP-DSP56303AG100 Datasheet
2Mb / 108P
24-Bit Digital Signal Processor
Rev. 11
DSP56303EVM NXP-DSP56303EVM Datasheet
304Kb / 2P
DSP56303EVM Kit Contents List
REV. 2 6/97
DSP56303EVMCL/D NXP-DSP56303EVMCL/D Datasheet
304Kb / 2P
DSP56303EVM Kit Contents List
REV. 2 6/97
More results

Similar Description - DSP56303

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
24-Bit Digital Signal Processor
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56301 FREESCALE-DSP56301 Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
DSP56L307 FREESCALE-DSP56L307 Datasheet
1Mb / 104P
24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56311VL150R2 FREESCALE-DSP56311VL150R2 Datasheet
1Mb / 96P
24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
24-Bit Digital Signal Processor
Rev. 4, 11/2002
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com