Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIL113 Datasheet(PDF) 5 Page - QT Optoelectronics

Part # TIL113
Description  PHOTODARLINGTON OPTOCOUPLERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

TIL113 Datasheet(HTML) 5 Page - QT Optoelectronics

  TIL113 Datasheet HTML 1Page - QT Optoelectronics TIL113 Datasheet HTML 2Page - QT Optoelectronics TIL113 Datasheet HTML 3Page - QT Optoelectronics TIL113 Datasheet HTML 4Page - QT Optoelectronics TIL113 Datasheet HTML 5Page - QT Optoelectronics TIL113 Datasheet HTML 6Page - QT Optoelectronics TIL113 Datasheet HTML 7Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
6/1/00
200042A
INPUT
PULSE
OUTPUT
IF
INPUT
OUTPUT
1.5 V
Fig. 7 Switching Time Test Circuit and Waveforms (All devices except CNX48U)
5 V
INPUT
VCC
RL
RIN
VCC
RE
RBE
OUTPUT
50
90%
10%
t
on
off
t
INPUT
90%
t
on
10%
off
t
Fig. 8 Switching Time Test Circuit and Waveforms (CNX48U only)
Test Circuit (All devices except CNX48U)
Switching Waveforms (All devices except CNX48U)
Test Circuit (CNX48U only)
Switching Waveforms (CNX48U only)
TYPICAL ELECTRO-OPTICAL CHARACTERISTIC CURVES
(25°C Free air temperature unless otherwise specified) (Cont.)
Notes
1. The current transfer ratio(IC/IF) is the ratio of the detector collector current to the LED input current with VCE @ 10 V.
2. For this test, LED pins 1 and 2 are common and phototransistor pins 4,5 and 6 are common.
PHOTODARLINGTON OPTOCOUPLERS
CNX48U
H11B1
H11B2
H11B255
H11B3
MOC8080 TIL113



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com