Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIL113 Datasheet(PDF) 3 Page - QT Optoelectronics

Part # TIL113
Description  PHOTODARLINGTON OPTOCOUPLERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

TIL113 Datasheet(HTML) 3 Page - QT Optoelectronics

  TIL113 Datasheet HTML 1Page - QT Optoelectronics TIL113 Datasheet HTML 2Page - QT Optoelectronics TIL113 Datasheet HTML 3Page - QT Optoelectronics TIL113 Datasheet HTML 4Page - QT Optoelectronics TIL113 Datasheet HTML 5Page - QT Optoelectronics TIL113 Datasheet HTML 6Page - QT Optoelectronics TIL113 Datasheet HTML 7Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Characteristic
Test Conditions
Symbol
Min
Typ**
Max
Units
Input-Output Isolation Voltage(2)
(II-O
1 µA, Vrms, t = 1 min.)
5300
Vac(rms)
Isolation Resistance(2)
(VI-O = 500 VDC)
RISO
1011
Isolation Capacitance(2)
(VI-O =
, f = 1 MHz)
CISO
0.8
pf
ISOLATION CHARACTERISTICS
DC Characteristics
Test Conditions
Symbol
Device
Min
Typ**
Max
Units
(IF = 10 mA, VCE = 5 V)
MOC8080
50 (500)
H11B255
10 (100)
(IF = 10 mA, VCE = 1 V)
CNX48U
60 (600)
Collector Output
TIL113
30 (300)
Current(1)
IC (CTR)
H11B1
5 (500)
mA (%)
(IF = 1 mA, VCE = 5 V)
H11B2
2 (200)
H11B3
1 (100)
(IF = 1 mA, VCE = 1 V)
CNX48U
5 (500)
(IF = 0.5 mA, VCE = 1 V)
1.75 (350)
(IF =1 mA, IC = 1 mA)
H11B1, H11B2
1.0
H11B3, MOC8080
Saturation Voltage
(IF = 5 mA, IC = 10 mA)
VCE(sat)
CNX48U
1.0
V
(IF = 50 mA, IC = 50 mA)
H11B255
1.0
(IF = 8 mA, IC = 2 mA)
TIL113
1.25
AC Characteristics
ton
H11B1
25
(IC = 10 mA, VCE = 10 V)
H11B2
(RL = 100 ) (Fig.7)
toff
H11B255
18
H11B3
(IF = 10 mA, VCC = 5 V)
ton
3.5
(RE = 100 ), (RBE = 1M )
toff
36
Switching Times
(Fig. 8)
µs
(IF = 1 mA, VCC = 5 V)
ton
CNX48U
70
(RE = 1k ), (RBE = 10M )
toff
190
(Fig. 8)
(IF = 5 mA, VCC = 10 V)
ton
MOC8080
3.5
(RL = 100 ) (Fig.7)
toff
25
(IF = 200 mA, IC = 50 mA)
ton
0.35
5
(VCC = 10 V) (RL = 100 )
toff
TIL113
55
100
(Fig.7)
6/1/00
200042A
PHOTODARLINGTON OPTOCOUPLERS
CNX48U
H11B1
H11B2
H11B255
H11B3
MOC8080 TIL113
TRANSFER CHARACTERISTICS (T
A = 25°C Unless otherwise specified.)
Note
** Typical values at TA = 25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com