Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T94 Datasheet(PDF) 34 Page - STMicroelectronics

Part # M41T94
Description  Serial real-time clock with 44 bytes NVRAM and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M41T94 Datasheet HTML 30Page - STMicroelectronics M41T94 Datasheet HTML 31Page - STMicroelectronics M41T94 Datasheet HTML 32Page - STMicroelectronics M41T94 Datasheet HTML 33Page - STMicroelectronics M41T94 Datasheet HTML 34Page - STMicroelectronics M41T94 Datasheet HTML 35Page - STMicroelectronics M41T94 Datasheet HTML 36Page - STMicroelectronics M41T94 Datasheet HTML 37Page - STMicroelectronics M41T94 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
Package mechanical data
M41T94
34/41
Figure 19.
SOH28 – 28-lead plastic small outline, battery SNAPHAT®, package
outline
Note:
Drawing is not to scale.
SOH-A
E
N
D
C
L
A1
α
1
H
A
CP
Be
A2
eB
Table 17.
SOH28 – 28-lead plastic small outline, battery SNAPHAT®, package
mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A–
–
3.05
–
–
0.120
A1
–
0.05
0.36
–
0.002
0.014
A2
–
2.34
2.69
–
0.092
0.106
B
–
0.36
0.51
–
0.014
0.020
C
–
0.15
0.32
–
0.006
0.012
D
–
17.71
18.49
–
0.697
0.728
E
–
8.23
8.89
–
0.324
0.350
e1.27–
–
0.050
–
–
eB
–
3.20
3.61
–
0.126
0.142
H
–
11.51
12.70
–
0.453
0.500
L
–
0.41
1.27
–
0.016
0.050
α
–
0°
8°
–
0°
8°
N28
28
CP
–
–
0.10
–
–
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com