Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T94 Datasheet(PDF) 37 Page - STMicroelectronics

Part # M41T94
Description  Serial real-time clock with 44 bytes NVRAM and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M41T94 Datasheet HTML 33Page - STMicroelectronics M41T94 Datasheet HTML 34Page - STMicroelectronics M41T94 Datasheet HTML 35Page - STMicroelectronics M41T94 Datasheet HTML 36Page - STMicroelectronics M41T94 Datasheet HTML 37Page - STMicroelectronics M41T94 Datasheet HTML 38Page - STMicroelectronics M41T94 Datasheet HTML 39Page - STMicroelectronics M41T94 Datasheet HTML 40Page - STMicroelectronics M41T94 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
M41T94
Part numbering
37/41
8
Part numbering
Table 20.
Ordering information scheme
Caution:
Do not place the SNAPHAT® battery package “M4TXX-BR12SH” in conductive foam as it
will drain the lithium button-cell battery.
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.
Example:
M41T
94
MH
6
E
Device type
M41T
Supply voltage and write protect voltage
94 = VCC = 2.7 to 5.5 V
THS = VCC; 4.20 V ≤ VPFD ≤ 4.50 V
THS = VSS; 2.55 V ≤ VPFD ≤ 2.70 V
Package
MQ = SO16
MH(1)= SOH28
1.
The 28-pin SOIC package (SOH28) requires the SNAPHAT® battery/crystal package which is ordered
separately under the part number “M4TXX-BR12SHX” in plastic tube or “M4TXX-BR12SHXTR” in tape &
reel form (see Table Table 21 on page 37).
Temperature range
6 = –40 to 85°C
Shipping method
E = Lead-free package (ECOPACK®), tubes
F = Lead-free package (ECOPACK®), tape & reel
Table 21.
SNAPHAT® battery table
Part number
Description
Package
M4T28-BR12SH1
Lithium battery (48 mAh) and crystal SNAPHAT
®
SH
M4T32-BR12SHx
Lithium battery (120 mAh) and crystal SNAPHAT
®
SH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com