Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH512 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSH512
Description  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSH512_09 Datasheet HTML 2Page - STMicroelectronics TSH512_09 Datasheet HTML 3Page - STMicroelectronics TSH512_09 Datasheet HTML 4Page - STMicroelectronics TSH512_09 Datasheet HTML 5Page - STMicroelectronics TSH512_09 Datasheet HTML 6Page - STMicroelectronics TSH512_09 Datasheet HTML 7Page - STMicroelectronics TSH512_09 Datasheet HTML 8Page - STMicroelectronics TSH512_09 Datasheet HTML 9Page - STMicroelectronics TSH512_09 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Device diagrams and schematics
TSH512
6/31
Doc ID 8120 Rev 7
Figure 2.
Typical application schematics for stereo infrared transmitter
36
VCO-A2
TX2
-
Oscillator component connection
37
VCC
-
-
Supply voltage
38
VCO-BIAS2
TX2
O
Bias for external VCO components
39
PEA-OUT2
TX2
O
Pre-emphasis amplifier output
40
PEA-INN2
TX2
I
Pre-emphasis amplifier negative input
41
ALC-INT2
TX2
-
Time constant terminal for internal peak detector in ALC
42
LNA-OUT2
TX2
O
LNA output
43
LNA-INN2
TX2
I
LNA negative input
44
LNA-INP2
TX2
I
LNA positive input
1.
Pin directions: I = input pin, O = output pin, - = pin to connect to supply or decoupling capacitors or external components.
Table 3.
Pin descriptions (continued)
Pin
Pin name
Related to
Direction(1)
Pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com