Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH512 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSH512
Description  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSH512_09 Datasheet HTML 9Page - STMicroelectronics TSH512_09 Datasheet HTML 10Page - STMicroelectronics TSH512_09 Datasheet HTML 11Page - STMicroelectronics TSH512_09 Datasheet HTML 12Page - STMicroelectronics TSH512_09 Datasheet HTML 13Page - STMicroelectronics TSH512_09 Datasheet HTML 14Page - STMicroelectronics TSH512_09 Datasheet HTML 15Page - STMicroelectronics TSH512_09 Datasheet HTML 16Page - STMicroelectronics TSH512_09 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
TSH512
Electrical characteristics
Doc ID 8120 Rev 7
13/31
3.3
RF section
Figure 16.
VCO output voltage vs. RVCO
Figure 17.
VCO-BIAS voltage vs. VCO-BIAS
current
10k
100k
1M
300
350
400
450
500
550
600
650
700
V
CC
= 2.7V
L = 120µH (Q=30)
F
CARRIER
= 2.8MHz
R
VCO
(
Ω)
0
1020
304050
1.30
1.35
1.40
1.45
V
CC
= 2.7V
R
filter
= 51
Ω
C
filter
= 470nF
I
VCO-BIAS
(mA)
Figure 18.
VCO and output buffer spectrum
Figure 19.
VCO-BIAS voltage vs. temperature
Figure 20.
VCO and output buffer spectrum
36
9
12
15
18
-30
-20
-10
0
10
20
30
40
50
60
V
CC
= 2.7V
R
VCO
= 22k
Ω
Z
L
= 2k
Ω
F
CARRIER
= 2.8MHz
Frequency(MHz)
-40 -30 -20 -10 0
102030 40 5060 70 80
1.3
1.4
1.5
1.6
V
CC
= 2.7V
No Load
T
AMB(°C)
-30
-20
-10
0
10
20
30
40
50
60
V
CC
= 2.7V
L = 120µH (Q=30)
R
VCO
= no connected
Z
L
= 2k
Ω
BW = 200Hz
F
CARRIER
= 2.8MHz
Frequency(MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com