Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH512CFT Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSH512CFT
Description  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512CFT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSH512CFT Datasheet HTML 17Page - STMicroelectronics TSH512CFT Datasheet HTML 18Page - STMicroelectronics TSH512CFT Datasheet HTML 19Page - STMicroelectronics TSH512CFT Datasheet HTML 20Page - STMicroelectronics TSH512CFT Datasheet HTML 21Page - STMicroelectronics TSH512CFT Datasheet HTML 22Page - STMicroelectronics TSH512CFT Datasheet HTML 23Page - STMicroelectronics TSH512CFT Datasheet HTML 24Page - STMicroelectronics TSH512CFT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
TSH512
General description
Doc ID 8120 Rev 7
21/31
5.4
ALC section: automatic level control
Both transmitters of the TSH512 include an automatic level control (ALC). When the level of
the audio signal is too high, the ALC compresses the signal in order to avoid over-
modulation of the FM VCO. In this way, the ALC reduces the distortion and maintains a
reduced transmit spectrum with very high amplitude signals.
Figure 28.
Automatic level control schematics
The ALC features a 20 dB gain and an output signal regulated to 700 mVpp in compression.
The attack time is the response time of the ALC to go from the linear amplification to the
compression region. The attack time mainly depends on the capacitor value of CALC.
A typical value of CALC is 1 µF with music as the audio signal (refer to Figure 22 on
page 15).
The decay time is the response time the ALC requires to recover to full gain amplifying
mode after being in compression mode. The decay time depends mainly on the RALC
resistor value. A typical value of RALC is 470 kΩ, with music as audio signal (Figure 22).
5.5
VOX description: voice operated transmit
The voice operated transmit (VOX) section reduces consumption when there is no audio
signal to transmit. When the VOX detects that no audio signal is present, it mutes the output
buffers of TX1 and TX2 and provides the logic signal VOX-MUTE to switch-off the external
LED drivers if needed.
The audio signal of TX1 is amplified with a gain dependent on the values of Rsens and Csens.
Rsens and Csens are connected to pin 7. The high-pass filtering has the following cut-off
frequency:
f
HPF
1
2
π R
sens
C
sens
⋅
()
--------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com