Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH512CFT Datasheet(PDF) 30 Page - STMicroelectronics

Part # TSH512CFT
Description  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512CFT Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TSH512CFT Datasheet HTML 23Page - STMicroelectronics TSH512CFT Datasheet HTML 24Page - STMicroelectronics TSH512CFT Datasheet HTML 25Page - STMicroelectronics TSH512CFT Datasheet HTML 26Page - STMicroelectronics TSH512CFT Datasheet HTML 27Page - STMicroelectronics TSH512CFT Datasheet HTML 28Page - STMicroelectronics TSH512CFT Datasheet HTML 29Page - STMicroelectronics TSH512CFT Datasheet HTML 30Page - STMicroelectronics TSH512CFT Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
Revision history
TSH512
30/31
Doc ID 8120 Rev 7
8
Revision history
Table 8.
Document revision history
Date
Revision
Changes
08-Aug-2001
1
First release corresponding to preliminary data version of datasheet.
09-Sep-2001
2
Datasheet updated for Maturity 30:
– ESD sensitive device sentence added
– 4 curves updated
– Electrical parameters updated
01-Dec-2003
3
Specific content changes as follows:
– Application diagrams updated
– Releases on curves
– Application schematic diagram update
– Electrical parameters updated
01-Apr-2005
4
Pin connection updated on Figure 1 on page 4.
Rthja value added on Table 1 on page 3.
Schematic updated on Figure 2 on page 6.
Schematic updated on Figure 26 on page 19.
14-Oct- 2005
5
PPAP reference inserted in the datasheet, see order codes table.
13-Nov-2007
6
Document reformatted with minor text changes.
Added footnote for automotive grade order codes to order codes
table.
28-May-2009
7
Added data at -40° C < Tamb < +85° C in Table 4.
Updated package mechanical drawing in Chapter 6: Package
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com